Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2208 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. MIC2208
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2208 Datasheet HTML 1Page - Micrel Semiconductor MIC2208 Datasheet HTML 2Page - Micrel Semiconductor MIC2208 Datasheet HTML 3Page - Micrel Semiconductor MIC2208 Datasheet HTML 4Page - Micrel Semiconductor MIC2208 Datasheet HTML 5Page - Micrel Semiconductor MIC2208 Datasheet HTML 6Page - Micrel Semiconductor MIC2208 Datasheet HTML 7Page - Micrel Semiconductor MIC2208 Datasheet HTML 8Page - Micrel Semiconductor MIC2208 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC2208
Typical Characteristics
80
82
84
86
88
90
92
94
96
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2208
3.3V
OUT
Efficiency
4.5V
IN
5V
IN 5.5V
IN
80
82
84
86
88
90
92
94
96
98
100
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2207
2.5V
OUT
Efficiency
3.3V
IN
3.6V
IN
80
82
84
86
88
90
92
94
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2207
2.5V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
75
77
79
81
83
85
87
89
91
93
95
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2208
1.8V
OUT
Efficiency
3.6V
IN
3V
IN
3.3V
IN
70
72
74
76
78
80
82
84
86
88
90
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2208
1.8V
OUT
Efficiency
4.5V
IN
5V
IN
70
75
80
85
90
95
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2208
1.5V
OUT
Efficiency
3.3V
IN
3V
IN
3.6V
IN
65
67
69
71
73
75
77
79
81
83
85
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2208
1.5V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
65
67
69
71
73
75
77
79
81
83
85
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2208
1.2V
OUT
Efficiency
3.6V
IN
3V
IN
3.3V
IN
65
67
69
71
73
75
77
79
81
83
85
00.511.5
22.5
3
OUTPUT CURRENT (A)
MIC2208
1.2V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
00.511.5
22.5
3
OUTPUT CURRENT (A)
Load Regulation
3.3V
IN
0.9900
0.9920
0.9940
0.9960
0.9980
1.0000
1.0020
1.0040
1.0060
1.0080
1.0100
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
3.3V
IN
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
3.3V
IN
September 2005
4
M9999-092905
www.micrel.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn