Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2208 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. MIC2208
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2208 Datasheet HTML 2Page - Micrel Semiconductor MIC2208 Datasheet HTML 3Page - Micrel Semiconductor MIC2208 Datasheet HTML 4Page - Micrel Semiconductor MIC2208 Datasheet HTML 5Page - Micrel Semiconductor MIC2208 Datasheet HTML 6Page - Micrel Semiconductor MIC2208 Datasheet HTML 7Page - Micrel Semiconductor MIC2208 Datasheet HTML 8Page - Micrel Semiconductor MIC2208 Datasheet HTML 9Page - Micrel Semiconductor MIC2208 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MIC2208
Functional Diagram
VIN
VIN
BIAS
EN
SW
SW
FB
PGOOD
PGND
Enable and
Control Logic
PWM
Control
P-Channel
Current Limit
SGND
1.0V
1.0V
Soft
Start
Bias,
UVLO,
Thermal
Shutdown
HSD
EA
COMP
MIC2208 Block Diagram
September 2005
6
M9999-092905
www.micrel.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn