Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC2208 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part No. MIC2208
Description  3mmx3mm 1MHz 3A PWM Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2208 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2208 Datasheet HTML 1Page - Micrel Semiconductor MIC2208 Datasheet HTML 2Page - Micrel Semiconductor MIC2208 Datasheet HTML 3Page - Micrel Semiconductor MIC2208 Datasheet HTML 4Page - Micrel Semiconductor MIC2208 Datasheet HTML 5Page - Micrel Semiconductor MIC2208 Datasheet HTML 6Page - Micrel Semiconductor MIC2208 Datasheet HTML 7Page - Micrel Semiconductor MIC2208 Datasheet HTML 8Page - Micrel Semiconductor MIC2208 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC2208
0
0.2
0.4
0.6
0.8
1.0
1.2
01234
5
SUPPLY VOLTAGE (V)
Feedback Voltage
vs. Supply Voltage
0
100
200
300
400
500
600
700
0
12345
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
70
75
80
85
90
95
100
105
110
115
120
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
RDSON
vs. Supply Voltage
0
20
40
60
80
100
120
140
160
TEMPERATURE (°C)
RDSON
vs. Temperature
3.3V
IN
0
0.2
0.4
0.6
0.8
1
1.2
2.73.2
3.74.2
4.7
SUPPLY VOLTAGE (V)
Enable Threshold
vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1
1.2
TEMPERATURE (°C)
Enable Threshold
vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
60
70
80
90 100 110 120
AMBIENT TEMPERATURE (°C)
Max. Continuous Current
vs. Ambient Temp 3.3V
OUT
*
*Using recommended
layout (1oz copper)
and B.O.M.
5V
IN
0
0.5
1
1.5
2
2.5
3
3.5
60
70
80
90 100 110 120
AMBIENT TEMPERATURE (°C)
Max. Continuous Current
vs. Ambient Temp 2.5V
OUT
*
*Using
recommended
layout (1oz copper)
and B.O.M.
3.3V
IN
5V
IN
0
0.5
1
1.5
2
2.5
3
3.5
60
70
80
90 100 110 120
AMBIENT TEMPERATURE (°C)
Max. Continuous Current
vs. Ambient Temp 1.8V
OUT
*
*Using
recommended
layout (1oz copper)
and B.O.M.
3.3V
IN
5V
IN
0
0.5
1
1.5
2
2.5
3
3.5
60
70
80
90 100 110 120
AMBIENT TEMPERATURE (°C)
Max. Continuous Current
vs. Ambient Temp 1.0V
OUT
*
*Using
recommended
layout (1oz copper)
and B.O.M.
3.3V
IN
5V
IN
September 2005
5
M9999-092905
www.micrel.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn