Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34670 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MC34670
Description  IEEE 802.3af PD With Current Mode Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34670 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC34670 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34670 Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34670
REVISION HISTORY
REVISION HISTORY
Revision
Date
Description of Changes
1.0
8/2006
• Initial release
2.0
9/2006
• Change to UVLO Hysteresis when set internally on page 6, Regulator Current Limitation
(13) on page 7, OVLO Threshold, Rising on page 7, OVLO Threshold, Falling on page 7,
Shutdown Threshold Voltages on page 7, and Default Clock Frequency (FREQ
connected to VIN) on page 8
• Changed Data Sheet category to “Advanced Information*”
3.0
12/2006
• Typ and Max change to RCLA Reference Voltage (13.5 V
≤ V
PORT ≤ 20 V) on page 6
• Deleted Oscillator Frequency Adjusting Resistor Range in Static Electrical
Characteristics
• Split Oscillator Frequent Range into two parameters, Oscillator Frequency Range,
RFREQ = 121 kΩ on page 8 and Oscillator Frequency Range, RFREQ = 499 kΩ on page 8
• Added note to Duty Cycle Limit (14) on page 8, Blanking Time (14) on page 8, and Gain
Bandwidth (14) on page 8
• Changed nomenclature for Peak Package Reflow Temperature During Reflow (5), (6) on
page 5
• Changed name and value for Thermal Shutdown Recovery Temperature on page 5


Similar Part No. - MC34670

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671 NXP-MC34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEP FREESCALE-MC34671AEP Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671AEP/R2 NXP-MC34671AEP/R2 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results

Similar Description - MC34670

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1_15 Datasheet
378Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
STMicroelectronics
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com