Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T62 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T62_06 Datasheet HTML 19Page - STMicroelectronics M41T62_06 Datasheet HTML 20Page - STMicroelectronics M41T62_06 Datasheet HTML 21Page - STMicroelectronics M41T62_06 Datasheet HTML 22Page - STMicroelectronics M41T62_06 Datasheet HTML 23Page - STMicroelectronics M41T62_06 Datasheet HTML 24Page - STMicroelectronics M41T62_06 Datasheet HTML 25Page - STMicroelectronics M41T62_06 Datasheet HTML 26Page - STMicroelectronics M41T62_06 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
M41T62/63/64/65
Clock operation
23/40
3.2
Calibrating the clock
The M41T6x is driven by a quartz controlled oscillator with a nominal frequency of
32,768Hz. The accuracy of the Real-Time Clock depends on the frequency of the quartz
crystal that is used as the time-base for the RTC. The accuracy of the clock is dependent
upon the accuracy of the crystal, and the match between the capacitive load of the oscillator
circuit and the capacitive load for which the crystal was trimmed. The M41T6x oscillator is
designed for use with a 6pF crystal load capacitance. When the Calibration circuit is
properly employed, accuracy improves to better than ±2 ppm at 25°C.
The oscillation rate of crystals changes with temperature (see Figure 20 on page 24).
Therefore, the M41T6x design employs periodic counter correction. The calibration circuit
adds or subtracts counts from the oscillator divider circuit at the divide by 256 stage, as
shown in Figure 21 on page 24. The number of times pulses which are blanked (subtracted,
negative calibration) or split (added, positive calibration) depends upon the value loaded into
the five Calibration Bits found in the Calibration Register. Adding counts speeds the clock
up, subtracting counts slows the clock down.
The Calibration Bits occupy the five lower order bits (D4-D0) in the Calibration Register
(08h). These bits can be set to represent any value between 0 and 31 in binary form. Bit D5
is a Sign Bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration
occurs within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have
one second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is
loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and so on.
Therefore, each calibration step has the effect of adding 512 or subtracting 256 oscillator
cycles for every 125,829,120 actual oscillator cycles, that is +4.068 or –2.034 PPM of
adjustment per calibration step in the calibration register.
Assuming that the oscillator is running at exactly 32,768 Hz, each of the 31 increments in
the Calibration byte would represent +10.7 or –5.35 seconds per day which corresponds to
a total range of +5.5 or –2.75 minutes per month (see Figure 21 on page 24).
Two methods are available for ascertaining how much calibration a given M41T6x may
require:
The first involves setting the clock, letting it run for a month and comparing it to a known
accurate reference and recording deviation over a fixed period of time. Calibration
values, including the number of seconds lost or gained in a given period, can be found
in Application Note AN934, “TIMEKEEPER® CALIBRATION.” This allows the designer
to give the end user the ability to calibrate the clock as the environment requires, even
if the final product is packaged in a non-user serviceable enclosure. The designer could
provide a simple utility that accesses the Calibration byte.
The second approach is better suited to a manufacturing environment, and involves the
use of either the SQW pin (M41T62/63/64) or the IRQ/FT/OUT pin (M41T65). The
SQW pin will toggle at 512Hz when RS3 = '0,' RS2 = '1,' RS1 = '1,' RS0 = '0,' SQWE =
'1,' and ST = '0.' Alternatively, for the M41T65, the IRQ/FT/OUT pin will toggle at 512Hz
when FT and OUT Bits = '1' and ST = '0.'
Any deviation from 512Hz indicates the degree and direction of oscillator frequency shift at
the test temperature. For example, a reading of 512.010124 Hz would indicate a +20 ppm
oscillator frequency error, requiring a –10 (XX001010) to be loaded into the Calibration Byte
for correction. Note that setting or changing the Calibration Byte does not affect the
Frequency test or Square Wave output frequency.


Similar Part No. - M41T62_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
878Kb / 44P
   Serial real-time clocks (RTCs) with alarm
M41T62LC6F STMICROELECTRONICS-M41T62LC6F Datasheet
706Kb / 42P
   Low-power serial real-time clocks (RTCs) with alarm
Rev 24 - September 2019
M41T62Q6F STMICROELECTRONICS-M41T62Q6F Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
M41T62_1112 STMICROELECTRONICS-M41T62_1112 Datasheet
878Kb / 44P
   Serial real-time clocks (RTCs) with alarm
More results

Similar Description - M41T62_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
   Serial access real-time clock with alarms
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
   Serial Access Real-Time Clock with Alarms
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
   Serial Access Digital Input Real-Time Clock with Alarms
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
   Serial real-time clock with alarms
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com