Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JQX-13F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. JQX-13F
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

JQX-13F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
115
DC:0.9W AC:1.2VA
Features
File No.:E133481
File No.:R9857445
Dielectric
Strength
Shock Resistance
HONGFA RELAY
Coil power
File No.:CQC02001001941
3750VAC/450W 2200VAC/280W
2 x 107 OPS
1 x 105 OPS
15A 250VAC/30VDC
10A 250VAC/30VDC
1/3 HP, 240VAC/120VAC
2C: 10A 250VAC/30VDC
T
üV
ISO9001*ISO/TS16949 *ISO14001 CERTIFIED
VERSION: EN02-20040601
2C:
1C:
JQX-13F
1C
2C
50m (at 1A 24VDC)
Silver Alloy
1C: 15A 220VAC/28VDC
2C: 10A 220VAC/28VDC
250VAC/28VDC
15A
10A
Contact Arrangement
Initial Contact Resistance Max.
Contact Material
Contact Rating
(Res. Load)
Max. switching voltage
Max. switching current
Max. switching power
Mechanical life
Electrical life
Initial Insulation Resistance
Between coil and Contacts
Between open contacts
Between contact sets
Operate time (at nomi. Volt.)
Release time (at nomi. Volt.)
Functional
Destructive
Vibration Resistance
Humidity
Ambient temperature
Termination
Unit weight
Construction
500M , 500VAC
1500VAC 1min.
1000VAC 1min.
1500VAC 1min.
25ms
25ms
100 m/s2
1000 m/s2
1 mm, 10 to 55Hz
98%RH, +40
-40
to +70
PCB & Plug-in
37g
Dust cover
MINIATURE INTERMEDIATE POWER RELAY
CHARACTERISTICS
COIL
CONTACT DATA
Nominal
Voltage
VDC
Coil
Resistance
Pick-up
Voltage
VDC
Drop-out
Voltage
VDC
COIL DATA
5
6
12
24
48
110
27.5
10%
40
10%
160
10%
650
10%
2600
15%
11000
15%
4.0
4.8
9.6
19.2
38.4
88.0
0.5
0.6
1.2
2.4
4.8
11.0
6
12
24
48
120
220/240
11.5
10%
46
10%
184
10%
735
10%
4550
15%
14400
15%
4.80
9.60
19.2
38.4
96.0
176.0
1.8
3.6
7.2
14.4
36.0
66.0
Nominal
Voltage
VAC
Coil
Resistance
Pick-up
Voltage
VAC
Drop-out
Voltage
VAC
15A switching capabilities
1&2 pole configurations
1.5KV dielectric between coil to contacts
Various terminals available
Various sockets available
Conform to the CE low voltage directive
UL
SAFETY APPROVAL RATINGS
*
*
*
*
*
*


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn