Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5203-3GDP3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5203-3GDP3
Description  3.0 A, 3.3 V Fixed Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5203-3GDP3 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5203-3GDP3 Datasheet HTML 1Page - ON Semiconductor CS5203-3GDP3 Datasheet HTML 2Page - ON Semiconductor CS5203-3GDP3 Datasheet HTML 3Page - ON Semiconductor CS5203-3GDP3 Datasheet HTML 4Page - ON Semiconductor CS5203-3GDP3 Datasheet HTML 5Page - ON Semiconductor CS5203-3GDP3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CS5203−3
http://onsemi.com
4
Time (ms)
Figure 7. Transient Response
0
+200
0
−200
3
2
1
510
0
VIN = 5.0 V
VOUT = 3.3 V
CIN = 100 mF
COUT = 10 mF Tantalum
VIN − VOUT (V)
Figure 8. Short Circuit Current vs.
VIN − VOUT
1.0
6
5
4
3
2
1
0
1.5
2.0
2.5
3.0
3.5
APPLICATIONS INFORMATION
The CS5203−3 linear regulator provides a fixed 3.3 V
output voltage at currents up to 3.0 A. The regulator is
protected against overcurrent conditions and includes
thermal shutdown.
The CS5203−3 has a composite PNP−NPN output
transistor and requires an output capacitor for stability.
Stability Considerations
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response, and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic
capacitor with almost zero ESR can cause instability. The
aluminum electrolytic capacitor is the least expensive
solution. However, when the circuit operates at low
temperatures, both the value and ESR of the capacitor will
vary considerably. The capacitor manufacturer’s data sheet
provides this information.
A 22
mF tantalum capacitor will work for most
applications, but with high current regulators such as the
CS5203−3 the transient response and stability improve with
higher values of capacitance. The majority of applications
for this regulator involve large changes in load current so the
output capacitor must supply the instantaneous load current.
The ESR of the output capacitor causes an immediate drop
in output voltage given by:
DV + DI
ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be as close to the load as possible for the best results.
Protection Diodes
When large external capacitors are used with a linear
regulator it is sometimes necessary to add protection diodes.
If the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator. The
discharge current depends on the value of the capacitor, the
output voltage and the rate at which VIN drops. In the
CS5203−3 linear regulator, the discharge path is through a
large junction and protection diodes are not usually needed.
If the regulator is used with large values of output
capacitance and the input voltage is instantaneously shorted
to ground, damage can occur. In this case, a diode connected
as shown in Figure 9 is recommended.
Figure 9. Protection Diode Scheme for Large
Output Capacitors
VIN
CS5203−3
VOUT
GND
VOUT
VIN
C1
C2
IN4002 (Optional)


Similar Part No. - CS5203-3GDP3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5203-3GDP3 CHERRY-CS5203-3GDP3 Datasheet
143Kb / 6P
   3A, 3.3V Fixed Linear Regulator
More results

Similar Description - CS5203-3GDP3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
ON Semiconductor
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com