Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5165H Datasheet(PDF) 12 Page - ON Semiconductor

Part # CS5165H
Description  5?묪it Synchronous CPU Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165H Datasheet(HTML) 12 Page - ON Semiconductor

Back Button CS5165H Datasheet HTML 8Page - ON Semiconductor CS5165H Datasheet HTML 9Page - ON Semiconductor CS5165H Datasheet HTML 10Page - ON Semiconductor CS5165H Datasheet HTML 11Page - ON Semiconductor CS5165H Datasheet HTML 12Page - ON Semiconductor CS5165H Datasheet HTML 13Page - ON Semiconductor CS5165H Datasheet HTML 14Page - ON Semiconductor CS5165H Datasheet HTML 15Page - ON Semiconductor CS5165H Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
CS5165H
http://onsemi.com
12
Figure 12. Demonstration Board Enable Startup
Waveforms
M 10.0 μs
Trace 1− Regulator Output Voltage (1.0 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Normal Operation
During normal operation, switch off time is constant and
set by the COFF capacitor. Switch on time is adjusted by the
V2 control loop to maintain regulation. This results in
changes in regulator switching frequency, duty cycle, and
output ripple in response to changes in load and line. Output
voltage ripple will be determined by inductor ripple current
working and the ESR of the output capacitors (see Figures
13 and 14).
Figure 13. Normal Operation Showing Output
Inductor Ripple Current and Output Voltage
Ripple, 0.5 A Load, VOUT = +2.84 V (DAC = 10111)
Trace 1− GATE(H) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Trace 3− Output Inductor Ripple Current (2.0 A/div.)
Trace 4− VOUT ripple (20 mV/div.)
Trace 1− GATE(H) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Trace 3− Output Inductor Ripple Current (2.0 A/div.)
Trace 4− VOUT ripple (20 mV/div.)
Figure 14. Normal Operation Showing Output
Inductor Ripple Current and Output Voltage
Ripple, ILOAD = 14 A, VOUT = +2.84 V (DAC = 10111)
Transient Response
The CS5165H V2 control loop’s 100 ns reaction time
provides unprecedented transient response to changes in
input voltage or output current. Pulse by pulse adjustment of
duty cycle is provided to quickly ramp the inductor current
to the required level. Since the inductor current cannot be
changed instantaneously, regulation is maintained by the
output capacitor(s) during the time required to slew the
inductor current.
Overall load transient response is further improved
through a feature called “Adaptive Voltage Positioning”.
This technique pre−positions the output capacitors voltage
to reduce total output voltage excursions during changes in
load.
Holding tolerance to 1.0% allows the error amplifiers
reference voltage to be targeted +40 mV high without
compromising DC accuracy. A “Droop Resistor”,
implemented through a PC board trace, connects the Error
Amps feedback pin (VFB) to the output capacitors and load
and carries the output current. With no load, there is no DC
drop across this resistor, producing an output voltage
tracking the Error amps, including the +40 mV offset. When
the full load current is delivered, an 80 mV drop is developed
across this resistor. This results in output voltage being
offset −40 mV low.
The result of Adaptive Voltage Positioning is that
additional margin is provided for a load transient before
reaching the output voltage specification limits. When load


Similar Part No. - CS5165H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5165H CHERRY-CS5165H Datasheet
283Kb / 20P
   Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
CS5165HGDW16 CHERRY-CS5165HGDW16 Datasheet
283Kb / 20P
   Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
CS5165HGDWR16 CHERRY-CS5165HGDWR16 Datasheet
283Kb / 20P
   Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
More results

Similar Description - CS5165H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157 ONSEMI-CS5157 Datasheet
603Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
   5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com