Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5112 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5112
Description  1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5112 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5112 Datasheet HTML 1Page - ON Semiconductor CS5112 Datasheet HTML 2Page - ON Semiconductor CS5112 Datasheet HTML 3Page - ON Semiconductor CS5112 Datasheet HTML 4Page - ON Semiconductor CS5112 Datasheet HTML 5Page - ON Semiconductor CS5112 Datasheet HTML 6Page - ON Semiconductor CS5112 Datasheet HTML 7Page - ON Semiconductor CS5112 Datasheet HTML 8Page - ON Semiconductor CS5112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CS5112
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (5.0 V
≤ VIN ≤ 26 V and −40°C ≤ TJ ≤ 150°C, COUT = 100 mF (ESR ≤ 8.0 W), CDelay = 0.1 mF,
RBIAS = 64.9 kW, COSC = 390 pF, CCOMP = 0.1 mF; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General
IIN Off Current
6.6 V
≤ VIN ≤ 26 V, ISW = 0 A
2.0
mA
IIN On Current
6.6 V
≤ VIN ≤ 26 V, ISW = 1.4 A
30
70
mA
IREG Current
ILIN = 100 mA, 6.6 V ≤ VIN ≤ 26 V
6.0
mA
Thermal Limit
Guaranteed by Design
160
210
°C
5.0 V Regulator Section
VLIN Output Voltage
6.6 V
≤ VREG ≤ 26 V, 1.0 mA ≤ ILIN ≤ 100 mA
4.9
5.0
5.1
V
Dropout Voltage
(VREG − VLIN) @ ILIN = 100 mA
1.2
1.5
V
Line Regulation
6.6 V
≤ VREG ≤ 26 V, ILIN = 5.0 mA
5.0
25
mV
Load Regulation
VREG = 19 V, 1.0 mA ≤ ILIN ≤ 100 mA
5.0
25
mV
Current Limit
6.6 V
≤ VREG ≤ 26 V
120
mA
DC Ripple Rejection
14 V
≤ VREG ≤ 24 V
60
75
dB
RESET Section
Low Threshold (VRTL)
VLIN Decreasing
4.05
4.25
4.45
V
High Threshold (VRTH)
VLIN Increasing
4.2
4.45
4.7
V
Hysteresis
VRTH − VRTL
140
190
240
mV
Active High
VLIN > VRTH, IRESET = −25 mA
VLIN − 0.5
V
Active Low
VLIN = 1.0 V, 10 kW Pullup from RESET to VLIN
VLIN = 4.0 V, IRESET = 1.0 mA
0.4
0.7
V
V
Delay
Invalid WDI
6.25
8.78
11
ms
Power On Delay
VLIN Crossing VRTH
6.25
ms
Watchdog Input (WDI)
VIH
Peak WDI Needed to Activate RESET
2.0
V
VIL
0.8
V
Hysteresis
(Note 2)
25
50
mV
Pullup Resistor
WDI = 0 V
20
50
100
k
W
Low Threshold
6.25
8.78
11
ms
Floating Input Voltage
3.5
V
WDI Pulse Width
5.0
ms
Switcher Section
Minimum Operating Input Voltage
5.0
V
Switching Frequency
Refer to Figure 5
80
95
110
kHz
Switch Saturation Voltage
ISW = 1.4 A
0.7
1.1
1.6
V
Output Current Limit
1.4
2.5
A
Max Switching Frequency
VSW = 7.5 V with 50 W Load, Refer to Figure 5
120
kHz
VFB1 Regulation Voltage
1.206
1.25
1.294
V
VFB2 Regulation Voltage
1.206
1.25
1.294
V
VFB1, VFB2 Input Current
VFB1 = VFB2 = 5.0 V
1.0
mA
Oscillator Charge Current
COSC = 0 V
35
40
45
mA
Oscillator Discharge Current
COSC = V40
270
320
370
mA
CDelay Charge Current
CDelay = 0 V
35
40
45
mA
2. Guaranteed by design, not 100% tested in productions.


Similar Part No. - CS5112

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS5112EDWF24 CHERRY-CS5112EDWF24 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5112EDWFR24 CHERRY-CS5112EDWFR24 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
More results

Similar Description - CS5112

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
logo
ON Semiconductor
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com