Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6010A4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6010A4
Description  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6010A4 Datasheet HTML 5Page - Texas Instruments TPA6010A4 Datasheet HTML 6Page - Texas Instruments TPA6010A4 Datasheet HTML 7Page - Texas Instruments TPA6010A4 Datasheet HTML 8Page - Texas Instruments TPA6010A4 Datasheet HTML 9Page - Texas Instruments TPA6010A4 Datasheet HTML 10Page - Texas Instruments TPA6010A4 Datasheet HTML 11Page - Texas Instruments TPA6010A4 Datasheet HTML 12Page - Texas Instruments TPA6010A4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
Table 2. VOLUME Voltage and Gain Values
VOLUME (Terminal 23)
TYPICAL GAIN OF AMPLIFIER (VOLUME Stage)(1)
Inceasing Voltage (V)(2)(3)
Decreasing Voltage (V)(2)(3)
BTL Gain (dB)
SE Gain (dB)
0.00 – 0.20
0.16 – 0.00
20
14
0.21 – 0.31
0.27 – 0.17
18
12
0.32 – 0.42
0.38 – 0.28
16
10
0.43 – 0.54
0.50 – 0.39
14
8
0.55 – 0.65
0.61 – 0.51
12
6
0.66 – 0.76
0.72 – 0.62
10
4
0.77 – 0.88
0.84 – 0.73
8
2
0.89 – 0.99
0.96 – 0.85
6
0
1.00 – 1.11
1.07 – 0.97
4
-2
1.12 – 1.22
1.19 – 1.08
2
-4
1.23 – 1.34
1.30 – 1.20
0
-6
1.35 – 1.45
1.42 – 1.31
-2
-8
1.46 – 1.56
1.53 – 1.43
-4
-10
1.57 – 1.68
1.64 – 1.54
-6
-12
1.69 – 1.79
1.76 – 1.65
-8
-14
1.80 – 1.91
1.88 – 1.77
-10
-16
1.92 – 2.02
1.99 – 1.89
-12
-18
2.03 – 2.14
2.11 – 2.00
-14
-20
2.15 – 2.25
2.23 – 2.12
-16
-22
2.26 – 2.37
2.34 – 2.24
-18
-24
2.38 – 2.48
2.47 – 2.35
-20
-26
2.49 – 2.60
2.57 – 2.46
-22
-28
2.61 – 2.71
2.69 – 2.58
-24
-30
2.72 – 2.83
2.81 – 2.70
-26
-32
2.84 – 2.95
2.92 – 2.82
-28
-34
2.96 – 3.06
3.04 – 2.93
-30
-36
3.07 – 3.18
3.15 – 3.05
-32
-38
3.19 – 3.29
3.27 – 3.16
-34
-40
3.30 – 3.41
3.39 – 3.28
-36
-42
3.42 – 3.52
3.50 – 3.40
-38
-44
3.53 – 3.63
3.62 – 3.51
-40
-46
3.64 – 5.00
5.00 – 3.63
-95
-95
(1)
Typical gain values can vary by
±2 dB.
(2)
To set the Internal and DOCKOUT gain to a fixed value upon power up, use the appropriate voltage range in the Decreasing Voltage
column.
(3)
For best results, set the voltage to the middle of the appropriate voltage range.
The total gain of the amplifier can be determined using the following equations:
Total gain = Internal gain (dB) + BTL gain (dB), if outputs are bridge-tied.
Total gain = Internal gain (dB) + SE gain (dB), if outputs are single-ended.
9


Similar Part No. - TPA6010A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Similar Description - TPA6010A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com