Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6010A4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA6010A4
Description  STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6010A4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6010A4_07 Datasheet HTML 6Page - Texas Instruments TPA6010A4_07 Datasheet HTML 7Page - Texas Instruments TPA6010A4_07 Datasheet HTML 8Page - Texas Instruments TPA6010A4_07 Datasheet HTML 9Page - Texas Instruments TPA6010A4_07 Datasheet HTML 10Page - Texas Instruments TPA6010A4_07 Datasheet HTML 11Page - Texas Instruments TPA6010A4_07 Datasheet HTML 12Page - Texas Instruments TPA6010A4_07 Datasheet HTML 13Page - Texas Instruments TPA6010A4_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
RHPIN
R
MUX
RLINEIN
RIN
Σ
Σ
Bass
Boost
PVDD
Power
Management
VDD
PC-BEEP
PC
BEEP
BYPASS
SHUTDOWN
GND
SE/BTL
MUX
CONTROL
HP/LINE
ROUT+
RDOCKOUT
ROUT−
BBOUT
BBIN
RBB
CBB
BBENABLE
LHPIN
L
MUX
LLINEIN
LIN
LOUT+
LDOCKOUT
LOUT−
BUFFGAIN
VOLUME
DC GAIN
and Volume
Control
BUFFGAIN
VOLUME
CLK
+
+
Σ
+
Σ
+
+
+
Σ
BUFFGAIN
VOLUME
+
+
+
Σ
1 k
COUTR
100
µF
100 k
1 k
COUTL
100
µF
VDD
100 k
To System
Control
18
16
14
20
21
3
28
2
26
Depop
Circuitry
10
9
11
24
23
27
19, 25
22
4
12
1, 15
8
17
13
6
7
5
CRHP
0.47
µF
Right
Headphone
Input Signal
CRLINE
0.47
µF
CRIN
0.47
µF
Right Line
Input Signal
VDD
VDD
50 k
50 k
CCLK
47 nF
CSR
0.1
µF
VDD
CSR
0.1
µF
VDD
CBYP
0.47
µF
To System
Control
CPCB
0.47
µF
PC Beep
Input Signal
CLHP
0.47
µF
CLLINE
0.47
µF
Left
Headphone
Input Signal
Left Line
Input Signal
CLIN
0.47
µF
To Right Docking
Station Input
See Note B
To Left Docking
Station Input
See Note B
+
See Note A
TPA6010A4
SLOS268B – JUNE 2000 – REVISED AUGUST 2004
A.
A 0.1-µF ceramic capacitor should be placed as close as possible to the IC. For filtering lower-frequency noise
signals, a larger electrolytic capacitor of 10 µF or greater should be placed near the audio power amplifier.
B.
A DC-blocking capacitor should be placed at each input to the amplifier in the docking station, as the RDOCKOUT
and LDOCKOUT pins are biased to VDD/2.
Figure 7. Typical TPA6010A4 Application Circuit Using Single-Ended Inputs and Input MUX
10


Similar Part No. - TPA6010A4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4PWP TI-TPA6010A4PWP Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
TPA6010A4PWPR TI-TPA6010A4PWPR Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
More results

Similar Description - TPA6010A4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6010A4 TI-TPA6010A4 Datasheet
364Kb / 23P
[Old version datasheet]   STEREO 2.7-W AUDIO POWER AMPLIFIER WITH BASS BOOST AND DC VOLUME CONTROL
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com