Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA4861 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA4861
Description  1-W MONO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4861 Datasheet(HTML) 4 Page - Texas Instruments

  TPA4861_07 Datasheet HTML 1Page - Texas Instruments TPA4861_07 Datasheet HTML 2Page - Texas Instruments TPA4861_07 Datasheet HTML 3Page - Texas Instruments TPA4861_07 Datasheet HTML 4Page - Texas Instruments TPA4861_07 Datasheet HTML 5Page - Texas Instruments TPA4861_07 Datasheet HTML 6Page - Texas Instruments TPA4861_07 Datasheet HTML 7Page - Texas Instruments TPA4861_07 Datasheet HTML 8Page - Texas Instruments TPA4861_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
20
10
0
VOO − Output Offset Voltage − mV
25
15
5
−4
−3
−2
−1
0
1
2
3
4
5
6
VDD = 3.3 V
30
20
10
0
VOO − Output Offset Voltage − mV
25
15
5
VDD = 5 V
−4
−3
−2
−1
0
1
2
3
4
5
6
TPA4861
SLOS163C – SEPTEMBER 1996 – REVISED JUNE 2004
Table of Graphs
FIGURE
VOO
Output offset voltage
Distribution
1, 2
IDD
Supply current distribution
vs Free-air temperature
3, 4
vs Frequency
5, 6, 7, 8, 9, 10,11,15, 16,17,18
THD+N
Total harmonic distortion plus noise
vs Output power
12, 13, 14, 19,20,21
IDD
Supply current
vs Supply voltage
22
Vn
Output noise voltage
vs Frequency
23, 24
Maximum package power dissipation
vs Free-air temperature
25
Power dissipation
vs Output power
26, 27
Maximum output power
vs Free-air temperature
28
vs Load resistance
29
Output power
vs Supply voltage
30
Open-loop gain
vs Frequency
31
kSVR
Supply ripple rejection ratio
vs Frequency
32, 33
DISTRIBUTION OF TPS4861
DISTRIBUTION OF TPS4861
OUTPUT OFFSET VOLTAGE
OUTPUT OFFSET VOLTAGE
Figure 1.
Figure 2.
4


Similar Part No. - TPA4861_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4861D TI-TPA4861D Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA4861_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com