Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3200D1DCPG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA3200D1DCPG4
Description  20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3200D1DCPG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3200D1DCPG4 Datasheet HTML 6Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 7Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 8Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 9Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 10Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 11Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 12Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 13Page - Texas Instruments TPA3200D1DCPG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100 200
500 1k
2k
5k 10k
f - Frequency - Hz
V
= 12 V
CC
R = 4
L
Ù
Gain = 18 dB
f = 48 kHz
S
24-Bit, I S format
2
P = 2 W
o
P = 200 mW
o
P = 7.5 W
o
−70
−60
−50
−40
−30
−20
−10
0
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 12 V
V(RIPPLE) = 200 mVPP
RL = 8 W
Gain = 18 dB
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
PO − Output Power − W
4
8
VCC = 12 V
5
7
9
11
13
15
17
19
21
3.6
4
5
6
7
8
9
10
VCC = 18 V
VCC = 15 V
VCC = 12 V
TA = 25°C,
10% THD Maximum
ZL − Load Impedance − Ω
TPA3200D1
SLOS442A – MAY 2005 – REVISED JULY 2005
TYPICAL CHARACTERISTICS (continued)
Total Harmonic Distortion
Power Supply Voltage Rejection Ratio
vs
vs
Frequency
Frequency
Figure 9.
Figure 10.
Efficiency
Output Power
vs
vs
Output Power
Load Impedance
Figure 11.
Figure 12.
10


Similar Part No. - TPA3200D1DCPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3200D1DCP TI-TPA3200D1DCP Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPR TI-TPA3200D1DCPR Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results

Similar Description - TPA3200D1DCPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com