Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA4411 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4411
Description  80-mW DIRECTPATH STEREO HEADPHONE DRIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4411 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA4411 Datasheet HTML 4Page - Texas Instruments TPA4411 Datasheet HTML 5Page - Texas Instruments TPA4411 Datasheet HTML 6Page - Texas Instruments TPA4411 Datasheet HTML 7Page - Texas Instruments TPA4411 Datasheet HTML 8Page - Texas Instruments TPA4411 Datasheet HTML 9Page - Texas Instruments TPA4411 Datasheet HTML 10Page - Texas Instruments TPA4411 Datasheet HTML 11Page - Texas Instruments TPA4411 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
0.01
0.1
1
10
100
1
10
100
300
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 3 V,
RL = 16 Ω,
fIN = 10 kHz
0.001
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3 V,
RL = 16 Ω,
fIN = 20 Hz
0.01
0.1
1
10
100
1
10
100
300
In Phase
Single Channel
180
° Out of Phase
PO − Output Power − mW
VDD = 3 V,
RL = 16 Ω,
fIN = 1 kHz
0.001
0.01
0.1
1
10
100
1
10
100
300
PO − Output Power − mW
In Phase
Single Channel
180
° Out of Phase
VDD = 3 V,
RL = 32 Ω,
fIN = 20 Hz
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3 V,
RL = 32 Ω,
fIN = 1 kHz
0.001
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3 V,
RL = 32 Ω,
fIN = 10 kHz
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 1 kHz
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 10 kHz
0.001
0.01
0.1
1
10
100
1
10
100
300
In Phase
180
° Out of Phase
Single Channel
PO − Output Power − mW
VDD = 3.6 V,
RL = 16 Ω,
fIN = 20 Hz
TPA4411
TPA4411M
SLOS430C – AUGUST 2004 – REVISED DECEMBER 2006
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
Figure 9.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 10.
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
+ NOISE
+ NOISE
+ NOISE
vs
vs
vs
OUTPUT POWER
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
Figure 15.
8


Similar Part No. - TPA4411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
TPA4411M TAOS-TPA4411M Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411RTJ TI-TPA4411RTJ Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA4411YZH TI-TPA4411YZH Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
More results

Similar Description - TPA4411

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com