Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3101D2RGZT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3101D2RGZT
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3101D2RGZT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3101D2RGZT Datasheet HTML 3Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 4Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 5Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 6Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 7Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 8Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 9Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 10Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
www.ti.com
Biases
and
References
Startup
Protection
Logic
VREGok
RINP
RINN
Ramp
Generator
ROSC
VCCok
4V Reg
AVCC
VREG
PWM
Logic
Gain
Control
Gain
Control
LINP
LINN
SHUTDOWN
VBYP
VBYP
MSTR/SLV
PWM
Logic
SYNC
AVCC
AVCC
AVCC
Gain
Control
GAIN0
GAIN1
8
To Gain Adj.
Blocks and
Startup Logic
MUTE
FAULT
VREG
AGND
VBYP
VBYP
VREG
VBYP
VClamp
Gen
PVCCR
Gate
Drive
Gate
Drive
VClamp
Gen
Gate
Drive
Thermal
SC
Detect
PVCCR
Gate
Drive
BSLN
VCLAMPL
PVCCL
PVCCL
BSLP
LOUTN
BSRN
VCLAMPR
PVCCR
PVCCR
ROUTN
BSRP
ROUTP
PGNDR
PVCCL
PVCCL
PGNDL
LOUTP
Gain
Gain
Gain
Gain
TLL Input
Buffer
(VCC Compliant)
TLL Input
Buffer
(VCC Compliant)
TYPICAL CHARACTERISTICS
TPA3101D2
SLOS473A – DECEMBER 2005 – REVISED FEBRUARY 2006
FUNCTIONAL BLOCK DIAGRAM
TABLE OF GRAPHS(1)
FIGURE
THD+N
Total harmonic distortion + noise
vs Frequency
1, 2, 3, 4
THD+N
Total harmonic distortion + noise
vs Output power
5, 6, 7, 8
Closed-loop response
vs Frequency
9, 10
Output power
vs Supply voltage
11. 12
Efficiency
vs Output power
13, 14
VCC
Supply current
vs Total output power
15, 16
Crosstalk
vs Frequency
17, 18
kSVR
Supply ripple rejection ratio
vs Frequency
19, 20
(1)
All graphs were measured using the TPA3101D2 EVM.
7
Submit Documentation Feedback


Similar Part No. - TPA3101D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3101D2RGZT TI-TPA3101D2RGZT Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2RGZTG4 TI-TPA3101D2RGZTG4 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3101D2RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com