Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3120D2PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3120D2PWPR
Description  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3120D2PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA3120D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3120D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1 F
m
SD
MuteControl
PVCCL
TPA3120D2
TPA3120D2
SIMPLIFIED APPLICATIONCIRCUIT
PVCCR
VCLAMP
GAIN1
BYPASS
1 F
m
1 F
m
0.22 F
m
AGND
LeftChannel
RightChannel
10Vto30V
10Vto30V
}4-StepGain
Control
Shutdown
Control
LIN
RIN
BSR
BSL
PGNDR
PGNDL
0.22 F
m
22 H
m
22 H
m
1 F
m
470 F
m
1 F
m
1 F
m
470 F
m
GAIN0
AVCC
MUTE
ROUT
LOUT
TPA3120D2
SLOS507 – MARCH 2007
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
• 25-W/ch into a 4-Ω Load from a 27-V Supply
The TPA3120D2 is a 25-W (per channel) efficient,
Class-D audio power amplifier for driving stereo
• 20-W/ch into a 4-Ω Load from a 24-V Supply
speakers in a single-ended configuration or a mono
• Operates from 10 V to 30 V
bridge-tied speaker. The TPA3120D2 can drive
• Efficient Class-D Operation Eliminates Need
stereo speakers as low as 4
Ω. The efficiency of the
for Heat Sinks
TPA3120D2 eliminates the need for an external heat
sink when playing music.
• Four Selectable, Fixed Gain Settings
• Internal Oscillator (No External Components
The gain of the amplifier is controlled by two gain
Required)
select pins. The gain selections are 20, 26, 32,
36 dB.
• Single Ended Analog Inputs
The patented start-up and shut-down sequences
• Thermal and Short-Circuit Protection with
minimize
"pop"
noise
in
the
speakers
without
Auto Recovery
additional circuitry.
• Space-Saving Surface Mount 24-pin TSSOP
Package
• Televisions
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TPA3120D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2PWPR TI-TPA3120D2PWPR Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPRG4 TI-TPA3120D2PWPRG4 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3120D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com