Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3008D2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3008D2
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3008D2 Datasheet(HTML) 3 Page - Texas Instruments

  TPA3008D2 Datasheet HTML 1Page - Texas Instruments TPA3008D2 Datasheet HTML 2Page - Texas Instruments TPA3008D2 Datasheet HTML 3Page - Texas Instruments TPA3008D2 Datasheet HTML 4Page - Texas Instruments TPA3008D2 Datasheet HTML 5Page - Texas Instruments TPA3008D2 Datasheet HTML 6Page - Texas Instruments TPA3008D2 Datasheet HTML 7Page - Texas Instruments TPA3008D2 Datasheet HTML 8Page - Texas Instruments TPA3008D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
AVAILABLE OPTIONS
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
TPA3008D2
SLOS435A – MAY 2004 – REVISED JULY 2004
TA
PACKAGED DEVICE
48-PIN HTQFP (PHP)(1)
-40
°C to 85°C
TPA3008D2PHP
(1)
The PHP package is available taped and reeled. To order a taped
and reeled part, add the suffix R to the part number (e.g.,
TPA3008D2PHPR).
T
A = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage
INN and INP connected together,
|VOO|
2
5
55
mV
(measured differentially)
Gain = 31.8 dB
V2P5
2.5-V Bias voltage
No load
2.5
V
IL = 10 mA, SHUTDOWN = 2 V,
AVDD
+5-V internal supply voltage
4.5
5
5.5
V
VCC = 8.5 V to 18 V
PSRR
Power supply rejection ratio
VCC = 11.5 V to 12.5 V
-76
dB
ICC
Quiescent supply current
SHUTDOWN = 2 V, no load
11
22
mA
Quiescent supply current in shut-
ICC(SD)
SHUTDOWN = 0 V
1.6
25
µA
down mode
High side
600
VCC = 12 V,
rDS(on)
Drain-source on-state resistance
IO = 1 A,
Low side
500
m
TJ = 25°C
Total
1100
1300
GAIN0 = 0.8 V
14.6
15.3
16.2
GAIN1 = 0.8 V
GAIN0 = 2 V
20.5
21.2
21.8
G
Gain
dB
GAIN0 = 0.8 V
26.4
27.2
27.8
GAIN1 = 2 V
GAIN0 = 2 V
31.1
31.8
32.5
ton
Turnon time
C(V2P5) = 1 µF, SHUTDOWN = 2 V
16
ms
toff
Turnoff time
C(V2P5) = 1 µF, SHUTDOWN = 0.8 V
60
µs
T
A = 25°C, VCC = 12 V, RL = 8 Ω, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple from 20 Hz to 1 kHz,
kSVR
Supply voltage rejection ratio
-70
dB
Gain = 15.6 dB, Inputs ac-coupled to GND
THD+N = 0.13%, f = 1 kHz, RL = 8 Ω
5
THD+N = 10%, f = 1 kHz, RL = 8 Ω
8.5
THD+N = 0.16%, f = 1 kHz, RL = 16 Ω,
PO
Continuous output power
W
5
VCC = 17 V
THD+N = 10%, f = 1 kHz, RL = 16 Ω,
10
VCC = 17 V
Total harmonic distortion plus
THD+N
PO = 1 W, f = 1 kHz, RL = 8 Ω
0.1%
noise
20 Hz to 22 kHz, A-weighted filter,
Vn
Output integrated noise floor
-80
dB
Gain = 15.6 dB
Crosstalk
PO = 1 W, RL = 8 Ω, Gain = 15.6 dB,
-93
dB
f = 1 kHz
Maximum output at THD+N < 0.5%,
SNR
Signal-to-noise ratio
97
dB
f = 1 kHz, Gain = 15.6 dB
Thermal trip point
150
°C
Thermal hystersis
20
°C
3


Similar Part No. - TPA3008D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHP TI-TPA3008D2PHP Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHPR TI-TPA3008D2PHPR Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHPRG4 TI-TPA3008D2PHPRG4 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3008D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com