Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4617 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC4617
Description  NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4617 Datasheet(HTML) 2 Page - ON Semiconductor

  2SC4617_04 Datasheet HTML 1Page - ON Semiconductor 2SC4617_04 Datasheet HTML 2Page - ON Semiconductor 2SC4617_04 Datasheet HTML 3Page - ON Semiconductor 2SC4617_04 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4617
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
125
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
− 55 ~ + 150
°C
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage (IC = 50 mAdc, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Emitter-Base Breakdown Voltage (IE = 50 mAdc, IE = 0)
V(BR)EBO
5.0
Vdc
Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0)
ICBO
0.5
mA
Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0)
IEBO
0.5
mA
Collector-Emitter Saturation Voltage (Note 2)
(IC = 60 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.4
Vdc
DC Current Gain (Note 2)
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
hFE
120
560
Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz)
fT
180
MHz
Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1 MHz)
COB
2.0
pF
2. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.
ORDERING INFORMATION
Device
Package
Shipping
2SC4617
SC−75
3,000 / Tape & Reel
2SC4617G
SC−75
(Pb−Free)
3,000 / Tape & Reel
2SC4617T1
SC−75
3,000 / Tape & Reel
2SC4617T1G
SC−75
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 2SC4617_04

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC4617-AE3-R UTC-2SC4617-AE3-R Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
logo
Micro Commercial Compon...
2SC4617-Q MCC-2SC4617-Q Datasheet
229Kb / 3P
   NPN General Purpose Transistors
2SC4617-Q MCC-2SC4617-Q Datasheet
324Kb / 3P
   NPN General Purpose Transistors
2SC4617-Q MCC-2SC4617-Q_14 Datasheet
324Kb / 3P
   NPN General Purpose Transistors
2SC4617-R MCC-2SC4617-R Datasheet
229Kb / 3P
   NPN General Purpose Transistors
More results

Similar Description - 2SC4617_04

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD1819ART1 MOTOROLA-MSD1819ART1 Datasheet
153Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
   NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
logo
Leshan Radio Company
LMSD1819A-RT1G LRC-LMSD1819A-RT1G_11 Datasheet
89Kb / 4P
   General Purpose Amplifier Transistor NPN Silicon Surface Mount
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD601RT1 MOTOROLA-MSD601RT1 Datasheet
110Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount?
logo
ON Semiconductor
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
Leshan Radio Company
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com