Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP31CR Datasheet(PDF) 4 Page - STMicroelectronics

Part # TIP31CR
Description  Power transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP31CR Datasheet(HTML) 4 Page - STMicroelectronics

  TIP31CR Datasheet HTML 1Page - STMicroelectronics TIP31CR Datasheet HTML 2Page - STMicroelectronics TIP31CR Datasheet HTML 3Page - STMicroelectronics TIP31CR Datasheet HTML 4Page - STMicroelectronics TIP31CR Datasheet HTML 5Page - STMicroelectronics TIP31CR Datasheet HTML 6Page - STMicroelectronics TIP31CR Datasheet HTML 7Page - STMicroelectronics TIP31CR Datasheet HTML 8Page - STMicroelectronics TIP31CR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
TIP31C
4/10
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note:
Product is pre-selected in DC current gain (Group R, Group O and Group Y).
STMicroelectronics reserves the right to ship each groups according to production
availability. Please contact your nearest STMicroelectronics sales office for delivery details.
Table 2.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE = 60V
0.3
mA
IEBO
Emitter cut-off current (IC = 0) VEB = 5V
1mA
ICES
Collector cut-off current
(VBE = 0)
VCE = 100V
0.2
mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≥ 1.5%
Collector-emitter
sustaining voltage (IB = 0)
IC = 30mA
100
V
VCE(sat)
(1)
Collector-emitter saturation
voltage
IC = 3A_
IB = 375mA
1.2
V
VBE(on)
(1)
Base-emitter voltage
IC = 3A_____ VCE = 4V
1.8
V
hFE
(1)
DC current gain
IC = 1A_ ___ VCE = 4V
IC = 3A _____ VCE = 4V
Group R
Group O
Group Y
25
10
20
40
24
44
50


Similar Part No. - TIP31CR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
JILIN SINO-MICROELECTRO...
TIP31C JSMC-TIP31C Datasheet
279Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
Unisonic Technologies
TIP31C UTC-TIP31C Datasheet
56Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
logo
Tiger Electronic Co.,Lt...
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
   Complementary Silicon Power Ttransistors
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Similar Description - TIP31CR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com