Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSJ100NHS3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSJ100NHS3LL
Description  N-channel 30V - 0.0032ohm - 20A - PowerSO-8 STripFET III Power MOSFET plus monolithic schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ100NHS3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STSJ100NHS3LL Datasheet HTML 1Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 2Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 3Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 4Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 5Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 6Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 7Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 8Page - STMicroelectronics STSJ100NHS3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2006
Rev 3
1/12
12
STSJ100NHS3LL
N-channel 30V - 0.0032
Ω - 20A - PowerSO-8™
STripFET™III Power MOSFET plus monolithic schottky
General features
Optimal RDS(on) x Qg trade-off @ 4.5V
Reduced switching losses
Reduced conduction losses
Improved junction-case thermal resistance
Description
This product utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology
and a propriertary process for integrating a
monolithic scottky diode. The new Power
MOSFET is optimized for the most demanding
synchronous switch function in DC-DC converter
for Computer and Telecom.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STSJ100NHS3LL
30V
0.0042
20A(1)
1.
This value is rated accordingly to Rthj-pcb
PowerSO-8
www.st.com
Order codes
Part number
Marking
Package
Packaging
STSJ100NHS3LL
100HS3L-
PowerSO-8
Tape & reel


Similar Part No. - STSJ100NHS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
   N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
456Kb / 11P
   N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL_05 Datasheet
456Kb / 11P
   N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
More results

Similar Description - STSJ100NHS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS20NHS3LL STMICROELECTRONICS-STS20NHS3LL_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - SO-8 STripFET III Power MOSFET plus monolithic schottky
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_07 Datasheet
394Kb / 12P
   N-channel 30V - 0.0032ohm - 25A - PowerFLAT (6x5) STripFET III Power MOSFET
STL100NH3LL STMICROELECTRONICS-STL100NH3LL Datasheet
482Kb / 10P
   N-CHANNEL 30V - 0.0032ohm - 25A PowerFLAT (6x5) STripFET III MOSFET
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
   N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
   N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
STV40NE03L-20 STMICROELECTRONICS-STV40NE03L-20 Datasheet
90Kb / 8P
   N - CHANNEL 30V - 0.014ohm - 40A - PowerSO-10 STripFET MOSFET
STV160NF03LA STMICROELECTRONICS-STV160NF03LA Datasheet
531Kb / 8P
   N-CHANNEL 30V - 0.0021OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
   N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
STV160NF03L STMICROELECTRONICS-STV160NF03L Datasheet
96Kb / 8P
   N - CHANNEL 30V - 0.0019ohm - 160A PowerSO-10 STripFET MOSFET
STV80NE03L-06 STMICROELECTRONICS-STV80NE03L-06 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.005ohm - 80A - PowerSO-10 STripFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com