Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSJ100NH3LL Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSJ100NH3LL
Description  N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ100NH3LL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSJ100NH3LL Datasheet HTML 3Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 4Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 5Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 6Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 7Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 8Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 9Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 10Page - STMicroelectronics STSJ100NH3LL Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STSJ100NH3LL
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
All other names are the property of their respective owners
© 2005 STMicroelectronics - All Rights Reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - STSJ100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
   N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
More results

Similar Description - STSJ100NH3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS25NH3LL STMICROELECTRONICS-STS25NH3LL_07 Datasheet
311Kb / 11P
   N-channel 30 V - 0.0032 廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
   N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET??III MOSFET FOR DC-DC CONVERSION
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
   N-channel 30V - 0.0032廓 - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
   N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
STSJ60NH3LL STMICROELECTRONICS-STSJ60NH3LL Datasheet
283Kb / 12P
   N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
STL100NH3LL STMICROELECTRONICS-STL100NH3LL_08 Datasheet
356Kb / 12P
   N-channel 30 V - 0.0032 廓 - 25 A - PowerFLAT??(6x5) STripFET??III Power MOSFET
STSJ80N4LLF3 STMICROELECTRONICS-STSJ80N4LLF3 Datasheet
298Kb / 12P
   N-channel 40V - 0.0042廓 - 18A - PowerSO-8??STripFET?줚II Power MOSFET for DC-DC conversion
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
   N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
STS17NF3LL STMICROELECTRONICS-STS17NF3LL Datasheet
291Kb / 8P
   N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET??II MOSFET FOR DC-DC CONVERSION
STB70NH03L STMICROELECTRONICS-STB70NH03L Datasheet
466Kb / 15P
   N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com