Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV2568 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LV2568
Description  256K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV2568 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LV2568 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV2568 Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. B
02/07/03
IS61LV2568
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEBRUARY 2003
FEATURES
• High-speed access times: 10 and 12 ns
• High-performance, low-power CMOS process
• Multiple center power and ground pins for
greater noise immunity
• Easy memory expansion with
CE and OE
options
CE power-down
• Low power: 540 mW @ 10 ns
36 mW standby mode
• TTL compatible inputs and outputs
• Single 3.3V ±10% power supply
• Packages available:
– 36-pin 400-mil SOJ
– 44-pin TSOP (Type II)
DESCRIPTION
The
ISSI IS61LV2568 is a very high-speed, low power,
262,144-word by 8-bit CMOS static RAM. The IS61LV2568
is fabricated using
ISSI's high-performance CMOS tech-
nology. This highly reliable process coupled with innova-
tive circuit design techniques, yields higher performance
and low power consumption devices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down to 36mW (max.) with CMOS input levels.
The IS61LV2568 operates from a single 3.3V power
supply and all inputs are TTL-compatible.
The IS61LV2568 is available in 36-pin 400-mil SOJ, and
44-pin TSOP (Type II) packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A17
CE
OE
WE
256K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
256K x 8 HIGH-SPEED CMOS STATIC RAM


Similar Part No. - IS61LV2568

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568 ISSI-IS61LV2568 Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-10K ISSI-IS61LV2568-10K Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-10T ISSI-IS61LV2568-10T Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-12K ISSI-IS61LV2568-12K Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568-12T ISSI-IS61LV2568-12T Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV2568

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS61LV2568L-10TL-TR ETC2-IS61LV2568L-10TL-TR Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV2568 ISSI-IS61LV2568 Datasheet
88Kb / 8P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com