Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4403N Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4403N
Description  75-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4403N Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT4403N Datasheet HTML 2Page - Texas Instruments PT4403N Datasheet HTML 3Page - Texas Instruments PT4403N Datasheet HTML 4Page - Texas Instruments PT4403N Datasheet HTML 5Page - Texas Instruments PT4403N Datasheet HTML 6Page - Texas Instruments PT4403N Datasheet HTML 7Page - Texas Instruments PT4403N Datasheet HTML 8Page - Texas Instruments PT4403N Datasheet HTML 9Page - Texas Instruments PT4403N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT4400 Series
Using the Remote On/Off Function on the PT4400
Series of Isolated DC/DC Converters
For applications requiring output voltage On/Off control,
the PT4400 DC/DC converter series incorporates a “Re-
mote On/Off” control (pin 1). This feature can be used to
switch the module off without removing the applied
input source voltage.
The converter functions normally with Pin 1 open-circuit,
providing a regulated output voltage when a valid source
voltage is applied to +Vin (pins 4, 5), with respect to
-Vin (pins 2, 3). When a low-level 1 ground signal is
applied to pin 1, the converter output will be turned off.
Figure 1 is an application schematic, which shows the
typical use of the Remote On/Off function. Note the dis-
crete transistor (Q1). The Remote On/Off pin has its
own internal pull-up, allowing it to be controlled with an
open-collector or open-drain device (See notes 2 & 3).
Table 1 gives the threshold requirements.
When placed in the “Off” state, the standby current drawn
from the input source is typically reduced to less than 1mA.
Table 1; Pin 1 Remote On/Off Control Requirements 1
Parameter
Min
Typ
Max
Enable (VIH)
4.5V
Disable (VIL)
0.8V
Vo/c [Open-Circuit]
5.0V
Iin [pin 1 at –Vin]
–0.5mA
Notes:
1. The Remote On/Off control uses –Vin (pins 2, 3) as its
ground reference. All voltages are with respect to –Vin.
2. Use an open-collector device (preferably a discrete
transistor) for the Remote On/Off input. A pull-up
resistor is not necessary. To disable the output voltage,
the control pin should be pulled low to less than +0.8V.
3. The Remote On/Off pin may be controlled with devices that
have a totem-pole output. This is provided the output
high-level voltage (VOH) meets the module’s minimum
VIH specified in Table 1. Do not apply more than +20V.
If a TTL gate is used, a pull-up resistor may be required to
the logic supply voltage.
4. The PT4400 converters incorporate an “Under-Voltage
Lockout” (UVLO). The UVLO keeps the converter
off until the input voltage is close to the minimum
specified operating voltage. This is regardless of the
state of the Remote On/Off control. Table 2 gives the
UVLO input voltage thresholds.
Figure 1
Turn-On Time:
In the circuit of Figure 1, turning Q1 on
applies a low-voltage to pin 1 and disables the converter
output. Correspondingly, turning Q1 off allows pin 1 to
be pulled high by an internal pull-up resistor. The con-
verter produces a regulated output voltage within 50ms.
Figure 2 shows the output response of a PT4401 following
the turn-off of Q1. The turn off of Q1 corresponds to the
drop in Q1 Vgs. Although the rise-time of the output
voltage is short (<5ms), the indicated delay time will
vary depending upon the input voltage and the module’s
internal timing. The output voltage of the PT4401 was
set to 3.3V by connecting VID0 (pin 7), VID2 (pin 9),
and VID3 (pin 10) to the (–)Remote Sense (pin 12). The
waveforms were measured with 48VDC input voltage,
and a 10A resistive load.
Figure 2
L
O
A
D
PT4401
+V
sns
+V
out
-V
out
-V
sns
21
17–20
13–16
12
711
810
9
VID0 - VID4
+V
in
–V
in
4, 5
2, 3
1
Remote
On/Off
PROGRAMMING PINS
+3.3V
+V
IN
–V
IN
0V
– REMOTE SENSE
+ REMOTE SENSE
C
o
R1
10k
Q1
BSS138
Vdd
1 =OFF
Note 1
U1a
Note 1
Note 1
Table 2; UVLO Thresholds 4
Series
Vin Range
UVLO Threshold
PT4400
36 – 75V
32V ±2V
Vo (1V/Div)
Iin (1A/Div)
Q1 Vgs (10V/Div)
HORIZ SCALE: 5ms/Div
Delay Time


Similar Part No. - PT4403N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
logo
Shenzhen Jin Yu Semicon...
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
logo
Texas Instruments
PT4410 TI1-PT4410 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4411 TI1-PT4411 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
More results

Similar Description - PT4403N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com