Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4403A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4403A
Description  75-W 48-V Input Isolated DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4403A Datasheet(HTML) 1 Page - Texas Instruments

  PT4403A Datasheet HTML 1Page - Texas Instruments PT4403A Datasheet HTML 2Page - Texas Instruments PT4403A Datasheet HTML 3Page - Texas Instruments PT4403A Datasheet HTML 4Page - Texas Instruments PT4403A Datasheet HTML 5Page - Texas Instruments PT4403A Datasheet HTML 6Page - Texas Instruments PT4403A Datasheet HTML 7Page - Texas Instruments PT4403A Datasheet HTML 8Page - Texas Instruments PT4403A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4400 Series
75-W 48-V Input Isolated
DC/DC Converter
Standard Application
Co = Optional 330µF Electrolytic Capacitor
# VID programming pins set fo 3.3V output
Features
Up to 75W Output:
20A @3.3V, 15A @5V
Input Voltage Range:
36V to 75V
Programmable Output Voltage
91% Efficiency (PT4403)
1500 VDC Isolation
On/Off Control
Over-Current Protection
Description
The PT4400 series of power modules are single-
output isolated DC/DC converters, housed in a
compact 21-pin low-profile (12mm) package.
These modules are rated up to 75W with load
currents as high as 20A. The output voltage is set
within a pre-defined range via a 5-bit input code.
The PT4400 series operates from a standard
48-V telecom CO supply and occupies only 3.9in²
of PCB area. These modules offer OEMs a compact
and flexible high-output power source for use with
high-end microprocessors, DSPs, general purpose
logic and analog. They are suitable for distributed
power applications in both telecom and computing
environments.
Features include output over-current protection,
on/off control, output over-voltage protection
(OVP), over-temperature shutdown, under-volt-
age lockout (UVLO), and an output differential
remote sense. The modules are fully integrated
for stand-alone operation, and require no additional
components.
Ordering Information
PT4401
H = 1.3 to 3.5 Volts
PT4402
H = 1.05 to 1.75Volts
PT4403
H = 3.4 to 5.7 Volts
Pin-Out Information
Pin Function
1
Remote On/Off *
2-Vin
3-Vin
4+Vin
5+Vin
6
Pin Not Present
7
VID 0
8
VID 1
9
VID 2
10
VID 3
11
VID 4
12
(–)Remote Sense
13
-Vo
14
-Vo
15
-Vo
16
-Vo
17
+Vo
18
+Vo
19
+Vo
20
+Vo
21
(+)Remote Sense
* For more information consult
the applicable application note.
† VID 4 does not function on the
PT4402 & PT4403
SLTS160B
(Revised 7/19/2002)
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ENM)
Horizontal
A
(ENN)
SMD
C
(ENP)
(Reference the applicable package code drawing for
the dimensions and PC layout)
Differential Remote Sense
Output Over-Voltage Protection
Over-Temperature Shutdown
Undervoltage Lockout
Low Profile Package (12mm)
Compact PCB Layout:
(Horizontal Config. 1.45in
× 2.6in,
Vertical Config. < 1 in2)
Solderable Copper Case
Agency Approvals Pending
L
O
A
D
PT4401
+V
sns
+V
out
-V
out
-V
sns
21
17–20
13–16
12
71 1
81 0
9
VID0 - VID4
+V
in
–V
in
4, 5
2, 3
1
Remote
On/Off
PROGRAMMING PINS #
+V
OUT
+V
IN
–V
IN
–V
OUT
– REMOTE SENSE
+ REMOTE SENSE
C
o


Similar Part No. - PT4403A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
logo
Shenzhen Jin Yu Semicon...
PT4410 HTSEMI-PT4410 Datasheet
1Mb / 3P
   30 V N-Channel Enhancement Mode MOSFET
logo
Texas Instruments
PT4410 TI1-PT4410 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
PT4411 TI1-PT4411 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
More results

Similar Description - PT4403A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PTQA430025_0612 TI-PTQA430025_0612 Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com