Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1054IDWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054IDWR
Description  SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054IDWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LT1054IDWR Datasheet HTML 6Page - Texas Instruments LT1054IDWR Datasheet HTML 7Page - Texas Instruments LT1054IDWR Datasheet HTML 8Page - Texas Instruments LT1054IDWR Datasheet HTML 9Page - Texas Instruments LT1054IDWR Datasheet HTML 10Page - Texas Instruments LT1054IDWR Datasheet HTML 11Page - Texas Instruments LT1054IDWR Datasheet HTML 12Page - Texas Instruments LT1054IDWR Datasheet HTML 13Page - Texas Instruments LT1054IDWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LT1054
SWITCHEDCAPACITOR VOLTAGE CONVERTERS
WITH REGULATORS
SLVS033F − FEBRUARY 1990 − REVISED NOVEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The voltage reference (Vref) output provides a 2.5-V reference point for use in LT1054-based regulator circuits. The
temperature coefficient (TC) of the reference voltage has been adjusted so that the TC of the regulated output voltage
is near zero. As seen in the typical performance curves, this requires the reference output to have a positive TC. This
nonzero drift is necessary to offset a drift term inherent in the internal reference divider and comparator network tied
to the feedback terminal. The overall result of these drift terms is a regulated output that has a slight positive TC at
output voltages below 5 V and a slight negative TC at output voltages above 5 V. For regulator feedback networks,
reference output current should be limited to approximately 60
µA. Vref draws approximately 100 µA when shorted
to ground and does not affect the internal reference/regulator. This terminal also can be used as a pullup for LT1054
circuits that require synchronization.
CAP+ is the positive side of input capacitor CIN and is driven alternately between VCC and ground. When driven to
VCC, CAP+ sources current from VCC. When driven to ground, CAP+ sinks current to ground. CAP− is the negative
side of the input capacitor and is driven alternately between ground and VOUT. When driven to ground, CAP− sinks
current to ground. When driven to VOUT, CAP− sources current from COUT. In all cases, current flow in the switches
is unidirectional, as should be expected when using bipolar switches.
OSC can be used to raise or lower the oscillator frequency or to synchronize the device to an external clock. Internally,
OSC is connected to the oscillator timing capacitor (Ct ≈ 150 pF), which is charged and discharged alternately by
current sources of
±7 µA, so that the duty cycle is approximately 50%. The LT1054 oscillator is designed to run in
the frequency band where switching losses are minimized. However, the frequency can be raised, lowered, or
synchronized to an external system clock if necessary.
The frequency can be increased by adding an external capacitor (C2 in Figure 15) in the range of 5−20 pF from CAP+
to OSC. This capacitor couples a charge into Ct at the switch transitions. This shortens the charge and discharge
times and raises the oscillator frequency. Synchronization can be accomplished by adding an external pullup resistor
from OSC to Vref. A 20-kΩ pullup resistor is recommended. An open-collector gate or an npn transistor then can be
used to drive OSC at the external clock frequency as shown in Figure 15.
The frequency can be lowered by adding an external capacitor (C1 in Figure 15) from OSC to ground. This increases
the charge and discharge times, which lowers the oscillator frequency.
C1
LT1054
VOUT
VREF
OSC
VCC
CAP−
GND
CAP+
FB/SD
C2
VIN
Pin numbers shown are for the P package.
+
1
2
3
4
8
7
6
5
Figure 15. External-Clock System


Similar Part No. - LT1054IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054IDWR TI-LT1054IDWR Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IDWR TI-LT1054IDWR Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054IDWRG4 TI-LT1054IDWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
More results

Similar Description - LT1054IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_15 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com