Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIE812DF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIE812DF
Description  N-Channel 40-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE812DF Datasheet(HTML) 2 Page - Vishay Siliconix

  SIE812DF Datasheet HTML 1Page - Vishay Siliconix SIE812DF Datasheet HTML 2Page - Vishay Siliconix SIE812DF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vishay Siliconix
SPICE Device Model SiE812DF
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.2
V
On-State Drain Current
a
ID(on)
VDS = 10 V, VGS = 10 V
211
A
VGS = 10 V, ID = 25 A
0.0022
0.0022
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 25 A
0.0027
0.0028
Forward Transconductance
a
gfs
VDS = 20 V, ID = 25 A
114
154
S
Forward Voltage
a
VSD
IS = 10 A
0.77
0.80
V
Dynamic
b
Input Capacitance
Ciss
7360
8300
Output Capacitance
Coss
822
800
Reverse Transfer Capacitance
Crss
VDS = 20 V, VGS = 0 V, f = 1 MHz
296
360
pF
VDS = 20V, VGS = 10 V, ID = 25 A
114
111
Total Gate Charge
Qg
57
52
Gate-Source Charge
Qgs
25
25
Gate-Drain Charge
Qgd
VDS = 20 V, VGS = 4.5 V, ID = 25 A
15
15
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 74219
S-62042
Rev. A, 16-Oct-06


Similar Part No. - SIE812DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE812DF VISHAY-SIE812DF Datasheet
192Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 13-Jul-09
SIE812DF VISHAY-SIE812DF Datasheet
194Kb / 10P
   N-Channel 40-V (D-S) MOSFET
01-Jan-2022
SIE812DF-T1-E3 VISHAY-SIE812DF-T1-E3 Datasheet
192Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 13-Jul-09
SIE812DF VISHAY-SIE812DF_V01 Datasheet
196Kb / 10P
   N-Channel 40-V (D-S) MOSFET
08-Feb-17
SIE812DF VISHAY-SIE812DF_V02 Datasheet
194Kb / 10P
   N-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIE812DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com