Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC4066PWE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AHC4066PWE4
Description  QUADRUPLE BILATERAL ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC4066PWE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AHC4066PWE4 Datasheet HTML 5Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 6Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 7Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 8Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 9Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 10Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 11Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 12Page - Texas Instruments SN74AHC4066PWE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 – JUNE 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CL
VCC
VI
VO
TEST CIRCUIT
tPLZ
50%
VOLTAGE WAVEFORMS
RL = 1 kΩ
VOL + 0.3 V
S1
S2
tPZH
tPHZ
50%
50%
50%
tPZL
tPZH
tPLZ
tPHZ
GND
VCC
GND
VCC
TEST
S1
S2
VCC
GND
VCC
GND
tPZL
50%
VCC
VO
50%
0 V
VOL
VC
(tPZL, tPZH)
(tPLZ, tPHZ)
VCC
VO
0 V
VOL
VC
VCC
0 V
VOH
VCC
0 V
≈0 V
VOH
VOH – 0.3 V
≈0 V
≈VCC
≈VCC
VC
50
GND
VCC
Figure 5. Switching Time (tPZL, tPLZ, tPZH, tPHZ), Control to Signal Output


Similar Part No. - SN74AHC4066PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC4066PW TI-SN74AHC4066PW Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PW TI1-SN74AHC4066PW Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PW TI-SN74AHC4066PW Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI-SN74AHC4066PWR Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI1-SN74AHC4066PWR Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AHC4066PWE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com