Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC4066NE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AHC4066NE4
Description  QUADRUPLE BILATERAL ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC4066NE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC4066NE4 Datasheet HTML 1Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 2Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 3Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 4Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 5Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 6Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 7Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 8Page - Texas Instruments SN74AHC4066NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 – JUNE 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
MIN
MAX
UNIT
VCC
Supply voltage
2†
5.5
V
V
High-level input voltage, control inputs
VCC = 2 V
1.5
V
VIH
High-level input voltage, control inputs
VCC = 2.3 V to 2.7 V
VCC × 0.7
V
VIH
High-level input voltage, control inputs
VCC = 3 V to 3.6 V
VCC × 0.7
V
VCC = 4.5 V to 5.5 V
VCC × 0.7
V
Low-level input voltage, control inputs
VCC = 2 V
0.5
V
VIL
Low-level input voltage, control inputs
VCC = 2.3 V to 2.7 V
VCC × 0.3
V
VIL
Low-level input voltage, control inputs
VCC = 3 V to 3.6 V
VCC × 0.3
V
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Control input voltage
0
5.5
V
VIO
Input/output voltage
0
VCC
V
t/ v
Input transition rise or fall rate
VCC = 2.3 V to 2.7 V
200
ns/V
∆t/∆v Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
ns/V
VCC = 4.5 V to 5.5 V
20
TA
Operating free-air temperature
–40
85
°C
† With supply voltages at or near 2 V, the analog switch on-state resistance becomes very nonlinear. Only digital signals should be transmitted
at these low supply voltages.
NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74AHC4066NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC4066NE4 TI-SN74AHC4066NE4 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AHC4066NE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com