Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVT125PWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT125PWRG4
Description  3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT125PWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVT125PWRG4 Datasheet HTML 1Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 2Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 3Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 4Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 5Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 6Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 7Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 8Page - Texas Instruments SN74LVT125PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74LVT125
3.3V ABT QUADRUPLE BUS BUFFER
WITH 3STATE OUTPUTS
SCBS133F − MAY 1992 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Supports Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
D Supports Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Ioff Supports Partial-Power-Down Mode
Operation
D Bus-Hold Data Inputs Eliminate the Need
for External Pullup Resistors
D Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
description/ordering information
This bus buffer is designed specifically for low-voltage (3.3-V) VCC operation, but with the capability to provide
a TTL interface to a 5-V system environment.
The SN74LVT125 features independent line drivers with 3-state outputs. Each output is in the high-impedance
state when the associated output-enable (OE) input is high.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube
SN74LVT125D
LVT125
SOIC − D
Tape and reel
SN74LVT125DR
LVT125
−40
°C to 85°C
SOP − NS
Tape and reel
SN74LVT125NSR
LVT125
−40
°C to 85°C
SSOP − DB
Tape and reel
SN74LVT125DBR
LX125
TSSOP − PW
Tube
SN74LVT125PW
LX125
TSSOP − PW
Tape and reel
SN74LVT125PWR
LX125
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
D, DB, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVT125PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT125PW TI-SN74LVT125PW Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT125PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVT125 TI-SN54LVT125 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH126 TI-SN54LVTH126 Datasheet
506Kb / 16P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_10 Datasheet
549Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126PWE4 TI-SN74LVTH126PWE4 Datasheet
707Kb / 18P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUT
SN74LVT125-Q1 TI1-SN74LVT125-Q1 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
SN74LVTH125-EP TI1-SN74LVTH125-EP Datasheet
431Kb / 9P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com