Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA002 Datasheet(PDF) 2 Page - Seme LAB

Part # MCA002
Description  MULTI-CHIP ARRAY 4 COMMON SOURCE P-CHANNEL MOSFETS AND 4 COMMON SOURCE N-CHANNEL MOSFETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

MCA002 Datasheet(HTML) 2 Page - Seme LAB

  MCA002 Datasheet HTML 1Page - Seme LAB MCA002 Datasheet HTML 2Page - Seme LAB MCA002 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
V
nA
µA
mA
W
mS
mS
pF
ns
Prelim. 9/99
MCA002
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VGS = 0
ID = 100µA
VDS = VGS
ID = 1mA
VDS = 0V
VGS = ±30V
VDS = 50V
VGS = 0V
TJ = 125°C
VDS = 10V
VGS = 10V
VGS = 4.5V
ID = 75mA
VGS = 10V
ID = 0.2A
TJ = 125°C
VDS = 10V
ID = 0.5A
VDS = 5V
ID = 50mA
VDS = 25V
VGS = 10V
f = 1MHz
VDD = 15V, RL = 23W, ID = 0.6A
VGEN = 10V, RG = 25W
ELECTRICAL CHARACTERISTICS
N-Channel (per device) (TA = 25°C Unless otherwise noted).
Drain – Source Breakdown Voltage
Gate Threshold Voltage
Gate – Body Leakage
Zero Gate Voltage Drain Current
On–State Drain Current2
Drain – Source On–Resistance1
Forward Transconductance1
Common Source Output
Conductance1
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–On
Turn–Off
60
70
0.8
2.3
2.5
±1
0.02
1
750
1000
5
7.5
2.5
5
4.4
230
500
16
11
2
7
7
V(BR)DSS
VGS(th)
IGSS
IDSS
ID(on)
rDS(ON)
gfs
gos
Ciss
Coss
Crss
td(on)
td(off)
STATIC ELECTRICAL RATINGS
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS
1 Pulse test: PW =
£ 300mS, Duty Cycle £ 2%
2 Pulse width limited by maximum junction temperature.


Similar Part No. - MCA002

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCA03N10 MCC-MCA03N10 Datasheet
466Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
MCA05D05D ETC1-MCA05D05D Datasheet
501Kb / 2P
   DC/DC Converters
MCA05D05S ETC1-MCA05D05S Datasheet
501Kb / 2P
   DC/DC Converters
MCA05D12D ETC1-MCA05D12D Datasheet
501Kb / 2P
   DC/DC Converters
MCA05D12S ETC1-MCA05D12S Datasheet
501Kb / 2P
   DC/DC Converters
More results

Similar Description - MCA002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
Diodes Incorporated
DMN32D2LDF DIODES-DMN32D2LDF Datasheet
281Kb / 4P
   COMMON SOURCE DUAL N-CHANNEL
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
logo
IXYS Corporation
FMP36-015P IXYS-FMP36-015P Datasheet
107Kb / 4P
   Polar P & N-Channel Power MOSFETs Common Drain Topology
logo
Texas Instruments
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
[Old version datasheet]   Dual 20V Common Source P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com