Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC125A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74LVC125A
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC125A Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC125A_04 Datasheet HTML 1Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 2Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 3Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 4Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 5Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 6Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 7Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 8Page - Texas Instruments SN74LVC125A_04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74LVC125A
QUADRUPLE BUS BUFFER GATE
WITH 3STATE OUTPUTS
SCAS290N − JANUARY 1993 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operates From 1.65 V to 3.6 V
D Specified From −40°C to 85°C and
−40
°C to 125°C
D Inputs Accept Voltages to 5.5 V
D Max tpd of 4.8 ns at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This quadruple bus buffer gate is designed for
1.65-V to 3.6-V VCC operation.
The SN74LVC125A features independent line
drivers with 3-state outputs. Each output is
disabled when the associated output-enable (OE)
input is high.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
QFN − RGY
Reel of 1000
SN74LVC125ARGYR
LC125A
Tube of 50
SN74LVC125AD
SOIC − D
Reel of 2500
SN74LVC125ADR
LVC125A
SOIC − D
Reel of 250
SN74LVC125ADT
LVC125A
−40
°C to 125°C
SOP − NS
Reel of 2000
SN74LVC125ANSR
LVC125A
−40
°C to 125°C
SSOP − DB
Reel of 2000
SN74LVC125ADBR
LC125A
Tube of 90
SN74LVC125APW
TSSOP − PW
Reel of 2000
SN74LVC125APWR
LC125A
TSSOP − PW
Reel of 250
SN74LVC125APWT
LC125A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DB, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
4OE
4A
4Y
3OE
3A
1A
1Y
2OE
2A
2Y


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn