Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVR13N Datasheet(PDF) 4 Page - International Rectifier

Part # PVR13N
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR13N Datasheet(HTML) 4 Page - International Rectifier

  PVR13N Datasheet HTML 1Page - International Rectifier PVR13N Datasheet HTML 2Page - International Rectifier PVR13N Datasheet HTML 3Page - International Rectifier PVR13N Datasheet HTML 4Page - International Rectifier PVR13N Datasheet HTML 5Page - International Rectifier PVR13N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series PVR13N
4
www.irf.com
Figure 7.Typical Delay Times
Figure 8. Delay Time Definitions
ILED (mA)
Figure 6. Input Characteristics (Current Controlled)
LED Forward Voltage Drop (Volts DC)
Figure 5.Typical Normalized Off-State Leakage
Ambient Temperature (°C)
10
100
1000
0
5
10
15
20
Tdly
Toff
Ton


Similar Part No. - PVR13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR13N IRF-PVR13N Datasheet
93Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13NPBF IRF-PVR13NPBF Datasheet
93Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVR13NPBF IRF-PVR13NPBF Datasheet
186Kb / 7P
   Bounce-Free Operation
PVR13NPBF IRF-PVR13NPBF_15 Datasheet
186Kb / 7P
   Bounce-Free Operation
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results

Similar Description - PVR13N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR13N IRF-PVR13N_1 Datasheet
93Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
PVT412A IRF-PVT412A Datasheet
124Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVN012APBF IRF-PVN012APBF Datasheet
129Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-20V, 4.0A AC/ 6.0A DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com