Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HC4851 Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN74HC4851
Description  8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74HC4851 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN74HC4851
8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS542B − SEPTEMBER 2003 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 2 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
19.5
25
29
32
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
23
30
35
40
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
95
105
115
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
95
105
115
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
12
15.5
17.5
19.5
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
13.5
17.5
20
23
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
90
100
110
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
90
100
110
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
11
14.5
16.5
18.5
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
12.5
16.5
19
22
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
85
95
105
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
85
95
105
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn