Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AVC16374 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74AVC16374
Description  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC16374 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVC16374_06 Datasheet HTML 1Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 2Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 3Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 4Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 5Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 6Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 7Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 8Page - Texas Instruments SN74AVC16374_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
136
−128
−144
−160
0.4
0.8
1.2
1.6
2.0
2.4
2.8
170
153
119
102
85
68
51
34
17
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
TA = 25°C
Process = Nominal
IOL − Output Current − mA
VCC = 3.3 V
VCC = 2.5 V
VCC = 1.8 V
TA = 25°C
Process = Nominal
IOH − Output Current − mA
VCC = 3.3 V
VCC = 2.5 V
VCC = 1.8 V
−80
−96
−112
−32
−48
−64
0
−16
SN74AVC16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES158H – DECEMBER 1998 – REVISED MARCH 2005
Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
Member of the Texas Instruments Widebus™
Family
Ioff Supports Partial-Power-Down Mode
Operation
EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
DOC™ (Dynamic Output Control) Circuit
– 200-V Machine Model (A115-A)
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Latch-Up Performance Exceeds 100 mA Per
Degradation
JESD 78, Class II
Dynamic Drive Capability Is Equivalent to
Package Options Include Plastic Thin Shrink
Standard Outputs With IOH and IOL of ±24 mA
Small-Outline (DGG) and Thin Very
at 2.5-V VCC
Small-Outline (DGV) Packages
A Dynamic Output Control (DOC) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC) Circuitry
Technology and Applications, literature number SCEA009.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TSSOP – DGG
Tape and reel
SN74AVC16374DGGR
AVC16374
–40
°C to 85°C
TVSOP – DGV
Tape and reel
SN74AVC16374DGVR
CVA374
VFBGA – GQL
Tape and reel
SN74AVC16374GQLR
CVA374
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Figure 1. Output Voltage vs Output Current
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus, EPIC, DOC are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn