Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74ALVC14 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74ALVC14
Description  HEX SCHMITT-TRIGGER INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC14 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC14_06 Datasheet HTML 1Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 2Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 3Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 4Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 5Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 6Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 7Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 8Page - Texas Instruments SN74ALVC14_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
DESCRIPTION/ORDERING INFORMATION
LOGIC DIAGRAM, EACH INVERTER
Y
A
SN74ALVC14
HEX SCHMITT-TRIGGER INVERTER
SCES107H – JULY 1997 – REVISED OCTOBER 2004
Operates From 2.3 V to 3.6 V
Max tpd of 3.4 ns at 3.3 V
±24-mA Output Drive at 3.3 V
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This hex Schmitt-trigger inverter is designed for 2.3-V to 3.6-V VCC operation.
The SN74ALVC14 contains six independent inverters and performs the Boolean function Y = A.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVC14D
SOIC - D
ALVC14
Tape and reel
SN74ALVC14DR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC14NSR
ALVC14
TSSOP - PW
Tape and reel
SN74ALVC14PWR
VA14
TVSOP - DGV
Tape and reel
SN74ALVC14DGVR
VA14
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
OUTPUT
A
Y
H
L
L
H
(POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC04Hex Inverter 1 2 3 4 5 MoreFairchild Semiconductor
74ACT04_01HEX INVERTER 1 2 3 4 5 MoreSTMicroelectronics
74LVXU04LOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE WITH 5V TOLERANT INPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LVQ04Low Voltage Hex Inverter 1 2 3 4 5 Fairchild Semiconductor
LS04Hex Inverter 1 2 Agere Systems
SN54LVC06A_07HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN5405HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LV14AHEX SCHMITT-TRIGGER INVERTERS 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn