Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV574A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV574A
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV574A Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV574A Datasheet HTML 1Page - Texas Instruments SN74LV574A Datasheet HTML 2Page - Texas Instruments SN74LV574A Datasheet HTML 3Page - Texas Instruments SN74LV574A Datasheet HTML 4Page - Texas Instruments SN74LV574A Datasheet HTML 5Page - Texas Instruments SN74LV574A Datasheet HTML 6Page - Texas Instruments SN74LV574A Datasheet HTML 7Page - Texas Instruments SN74LV574A Datasheet HTML 8Page - Texas Instruments SN74LV574A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54LV574A, SN74LV574A
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS412I − APRIL 1998 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
SN54LV574A
SN74LV574A
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
7
7
7
ns
tsu
Setup time
High or low before CLK
5.5
5.5
5.5
ns
th
Hold time
Data after CLK
2
2
2
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
SN54LV574A
SN74LV574A
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tsu
Setup time
High or low before CLK
3.5
3.5
3.5
ns
th
Hold time
Data after CLK
1.5
1.5
1.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
SN54LV574A
SN74LV574A
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLK high or low
5
5
5
ns
tsu
Setup time
High or low before CLK
3.5
3.5
3.5
ns
th
Hold time
Data after CLK
1.5
1.5
1.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV574A
SN74LV574A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
60*
100*
50*
50
MHz
fmax
CL = 50 pF
50
85
40
40
MHz
tpd
CLK
Q
9.6*
16.6*
1*
20*
1
20
ten
OE
Q
CL = 15 pF
9.2*
16.1*
1*
19*
1
19
ns
tdis
OE
Q
CL = 15 pF
6.5*
12.8*
1*
15*
1
15
ns
tpd
CLK
Q
11.6
19.6
1
23
1
23
ten
OE
Q
CL = 50 pF
10.9
19
1
22
1
22
ns
tdis
OE
Q
CL = 50 pF
8.4
17.5
1
20
1
20
ns
tsk(o)
2
2
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV574A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV574A TI-SN74LV574A Datasheet
519Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV574A TI1-SN74LV574A Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV574ADB TI-SN74LV574ADB Datasheet
519Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV574ADBR TI-SN74LV574ADBR Datasheet
519Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV574ADBR TI1-SN74LV574ADBR Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV574A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHCT374 UTC-U74AHCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HCT374 TI1-SN54HCT374_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74HC374 UTC-U74HC374_15 Datasheet
233Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com