Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV125ADR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV125ADR
Description  QUADRUPLE BUS BUFFER GATES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV125ADR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV125ADR Datasheet HTML 1Page - Texas Instruments SN74LV125ADR Datasheet HTML 2Page - Texas Instruments SN74LV125ADR Datasheet HTML 3Page - Texas Instruments SN74LV125ADR Datasheet HTML 4Page - Texas Instruments SN74LV125ADR Datasheet HTML 5Page - Texas Instruments SN74LV125ADR Datasheet HTML 6Page - Texas Instruments SN74LV125ADR Datasheet HTML 7Page - Texas Instruments SN74LV125ADR Datasheet HTML 8Page - Texas Instruments SN74LV125ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN54LV125A, SN74LV125A
QUADRUPLE BUS BUFFER GATES
WITH 3STATE OUTPUTS
SCES124L − DECEMBER 1997 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
logic diagram (positive logic)
2A
2Y
2OE
1A
1Y
1OE
1
2
4
5
3
6
4A
4Y
4OE
3A
3Y
3OE
10
9
13
12
8
11
Pin numbers shown are for the D, DB, DGV, J, N, NS, PW, RGY, and W packages.


Similar Part No. - SN74LV125ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV125ADR TI-SN74LV125ADR Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125ADR TI-SN74LV125ADR Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125ADR TI1-SN74LV125ADR Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
SN74LV125ADRE4 TI-SN74LV125ADRE4 Datasheet
129Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV125ADRE4 TI-SN74LV125ADRE4 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV125ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHCT125 UTC-U74AHCT125_15 Datasheet
238Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74AHC126 UTC-U74AHC126_15 Datasheet
254Kb / 5P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN74LV125A TI1-SN74LV125A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74LVC126A UTC-U74LVC126A_15 Datasheet
242Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54HC125 TI1-SN54HC125_15 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Bus Buffer Gates
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125_15 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATES
U74HCT125 UTC-U74HCT125_15 Datasheet
185Kb / 6P
   QUADRUPLE BUS BUFFER GATES
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com