Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58LR128HT Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58LR128HT
Description  128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58LR128HT Datasheet HTML 25Page - STMicroelectronics M58LR128HT Datasheet HTML 26Page - STMicroelectronics M58LR128HT Datasheet HTML 27Page - STMicroelectronics M58LR128HT Datasheet HTML 28Page - STMicroelectronics M58LR128HT Datasheet HTML 29Page - STMicroelectronics M58LR128HT Datasheet HTML 30Page - STMicroelectronics M58LR128HT Datasheet HTML 31Page - STMicroelectronics M58LR128HT Datasheet HTML 32Page - STMicroelectronics M58LR128HT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
M58LR128HT, M58LR128HB
Command interface
29/112
4.17
Block Lock-Down command
The Block Lock-Down command is used to lock-down a locked or unlocked block.
A locked-down block cannot be programmed or erased. The lock status of a locked-down
block cannot be changed when WP is low, VIL. When WP is high, VIH, the lock-down function
is disabled and the locked blocks can be individually unlocked by the Block Unlock
command.
Two Bus Write cycles are required to issue the Block Lock-Down command.
The first bus cycle sets up the Block Lock-Down command.
The second Bus Write cycle latches the block address and locks-down the block.
The lock status can be monitored for each block using the Read Electronic Signature
command.
Locked-Down blocks revert to the locked (and not locked-down) state when the device is
reset on power-down. Table 16 shows the Lock Status after issuing a Block Lock-Down
command.
Refer to the section, Block Locking, for a detailed explanation and Appendix C, Figure 25:
Locking Operations flowchart and pseudocode, for a flowchart for using the Lock-Down
command.


Similar Part No. - M58LR128HT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58LR128HC NUMONYX-M58LR128HC Datasheet
1Mb / 114P
   128 Mbit (x16, Mux I/O, Multiple Bank, Multilevel interface, Burst)
M58LR128HC70ZB5E NUMONYX-M58LR128HC70ZB5E Datasheet
1Mb / 114P
   128 Mbit (x16, Mux I/O, Multiple Bank, Multilevel interface, Burst)
M58LR128HC70ZB5U NUMONYX-M58LR128HC70ZB5U Datasheet
1Mb / 114P
   128 Mbit (x16, Mux I/O, Multiple Bank, Multilevel interface, Burst)
M58LR128HD NUMONYX-M58LR128HD Datasheet
1Mb / 114P
   128 Mbit (x16, Mux I/O, Multiple Bank, Multilevel interface, Burst)
M58LR128HD70ZB5E NUMONYX-M58LR128HD70ZB5E Datasheet
1Mb / 114P
   128 Mbit (x16, Mux I/O, Multiple Bank, Multilevel interface, Burst)
More results

Similar Description - M58LR128HT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
Numonyx B.V
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M36L0R7060T1 NUMONYX-M36L0R7060T1 Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M36L0R7060T1 STMICROELECTRONICS-M36L0R7060T1 Datasheet
221Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com