Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72501DR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS72501DR
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72501DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72501DR Datasheet HTML 4Page - Texas Instruments TPS72501DR Datasheet HTML 5Page - Texas Instruments TPS72501DR Datasheet HTML 6Page - Texas Instruments TPS72501DR Datasheet HTML 7Page - Texas Instruments TPS72501DR Datasheet HTML 8Page - Texas Instruments TPS72501DR Datasheet HTML 9Page - Texas Instruments TPS72501DR Datasheet HTML 10Page - Texas Instruments TPS72501DR Datasheet HTML 11Page - Texas Instruments TPS72501DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
t − Time −
µs
0
15
10
5
20
25
35
30
40
45 50
VI = 2.8 V
Co = 1 µF
CI = 1 µF
1
0.5
0
−100
100
0
160
2
t − Time −
µs
0
60
40
20
80 100
140
120
180 200
VI = 2.8 V
IO = 1 A
Co = 10 µF
1
1
0
0
1.5
2
3
0.5
t − Time −
µs
1
0 100 200 300 400 500 600
3
700 800 900 1000
5
0
4
2
VO
VI
RL = 1.8 Ω
Co = 1 µF
Ci = 1 µF
0
0.5
1
1.5
2
2.5
3
3.5
10
100
1 k
10 k
100 k
f − Frequency − Hz
IO = 1 mA
VI = 2.8 V
Co = 10 µF
IO = 1 A
0.1
10
100
1 k
10 k
1
10
100 k
1 M
0.01
0
f − Frequency − Hz
IO = 1 mA
IO = 1 A
VI = 2.8 V
Co = 10 µF
TJ = 25° C
50
30
20
0
10
100
1 k
10 k
70
90
f − Frequency − Hz
100
100 k
1 M
80
60
40
10
10
µF / 1mA
10
µF / 1 A
VI= 2.8 V,
VO = 1.8 V,
CO = 10 µF
0
50
100
150
200
250
300
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VI − Input Voltage − V
TJ = 25°C
TJ = −40°C
TJ = 125°C
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
1.5
2
2.5
3
3.5
4
4.5
5
5.5
TJ = 25°C
VI − Input voltage − V
TJ = −40°C
TJ = 125°C
0
100
200
300
400
500
600
0
1
2
3
4
5
6
I = 0 A
VI − Input Voltage − V
I = 1 A
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
TPS72518 OUTPUT VOLTAGE,
ENABLE VOLTAGE
TPS72518
vs
TPS72518
LOAD TRASIENT RESPONSE
TIME (START-UP)
POWER UP/POWER DOWN
Figure 10.
Figure 11.
Figure 12.
TPS72518 OUTPUT SPECTRAL
TPS72518
NOISE DENSITY
OUTPUT IMPEDANCE
RIPPLE REJECTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
CURRENT LIMIT
TPS72515 GROUND CURRENT
DROPOUT VOLTAGE
vs
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
8


Similar Part No. - TPS72501DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501DR TI1-TPS72501DR Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72501DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com