Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P270-SS43R10K Datasheet(PDF) 3 Page - Bi technologies

Part # P270-SS43R10K
Description  27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P270-SS43R10K Datasheet(HTML) 3 Page - Bi technologies

  P270-SS43R10K Datasheet HTML 1Page - Bi technologies P270-SS43R10K Datasheet HTML 2Page - Bi technologies P270-SS43R10K Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Model P270
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 9, 2006
page 3 of 3
BI technologies
Model 270
.562
.031
M
L
.109
.016
.250
+.000
-.002
MIN
.125
1.050
.875
.031
.546
.015
.125
.018
.015
.078
.047
2x 20
5
.394
.158
.512
(
)
1.4
3x
.057 x .088
SLOT
3/8-32 NEF-2A
THREAD
MARKING
PANEL LAYOUT
Model 271 (Center Tap)
MIN
.125
.250
+.000
-.002
.562
.031
.109
.016
M
L
1.050
.125
.018
.015
.546
.015
.875
.031
.078
.047
.875
.031
.394
.158
.512
(
)
1.4
PANEL LAYOUT
3/8-32 NEF-2A
THREAD
MARKING
3x
.057 x .088
SLOT
CENTER TAP
TERMINAL
OUTLINE D
OUTLINE D
OUTLINE D
OUTLINE DRAWING
RAWING
RAWING
RAWING


Similar Part No. - P270-SS43R10K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P270-SF22R5K ETC2-P270-SF22R5K Datasheet
157Kb / 4P
   27mm Rotary Potentiometer
More results

Similar Description - P270-SS43R10K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P270 BITECH-P270_14 Datasheet
158Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P270 BITECH-P270_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
P272 BITECH-P272_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
P271 BITECH-P271_09 Datasheet
157Kb / 4P
   27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
   Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Revision: 04-Sep-08
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
   Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
01-Jan-2022
logo
Bi technologies
P233 BITECH-P233 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
C-Media Electronics
P232-SEC20BR100K CMEDIA-P232-SEC20BR100K Datasheet
408Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
Bi technologies
P232 BITECH-P232 Datasheet
84Kb / 3P
   24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
   Long Life Cermet Potentiometer 2 Million Cycles
Revision: 04-Jul-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com