Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGW35NB60SD Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW35NB60SD
Description  N-CHANNEL 35A - 600V - TO-247 Low Drop PowerMESH TM IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NB60SD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW35NB60SD Datasheet HTML 5Page - STMicroelectronics STGW35NB60SD Datasheet HTML 6Page - STMicroelectronics STGW35NB60SD Datasheet HTML 7Page - STMicroelectronics STGW35NB60SD Datasheet HTML 8Page - STMicroelectronics STGW35NB60SD Datasheet HTML 9Page - STMicroelectronics STGW35NB60SD Datasheet HTML 10Page - STMicroelectronics STGW35NB60SD Datasheet HTML 11Page - STMicroelectronics STGW35NB60SD Datasheet HTML 12Page - STMicroelectronics STGW35NB60SD Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STGW35NB60SD
3 Test Circuits
9/13
3
Test Circuits
Figure 16. Test Circuit for Inductive Load
Switching
Figure 17. Gate Charge Test Circuit
Figure 18. Switching Waveform
Figure 19. Diode Recovery Time Waveform


Similar Part No. - STGW35NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
   N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
March 2007 Rev 1
More results

Similar Description - STGW35NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35NB60S STMICROELECTRONICS-STGW35NB60S Datasheet
274Kb / 13P
   N-channel 35A - 600V - TO-247 Low drop PowerMESH??IGBT
March 2007 Rev 1
STGP10NB60SD STMICROELECTRONICS-STGP10NB60SD Datasheet
242Kb / 12P
   N-CHANNEL 10A - 600V - TO-220 Low Drop PowerMESH TM IGBT
STGW12NB60H STMICROELECTRONICS-STGW12NB60H Datasheet
86Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW30NB60HD STMICROELECTRONICS-STGW30NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW12NB60HD STMICROELECTRONICS-STGW12NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 12A - 600V TO-247 PowerMESH IGBT
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW20NB60HD STMICROELECTRONICS-STGW20NB60HD Datasheet
90Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
STGW30NB60H STMICROELECTRONICS-STGW30NB60H Datasheet
86Kb / 8P
   N-CHANNEL 30A - 600V TO-247 PowerMESH IGBT
STGW50NB60H STMICROELECTRONICS-STGW50NB60H Datasheet
50Kb / 5P
   N-CHANNEL 50A - 600V TO-247 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com