Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72501DCQ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72501DCQ
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72501DCQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS72501DCQ Datasheet HTML 7Page - Texas Instruments TPS72501DCQ Datasheet HTML 8Page - Texas Instruments TPS72501DCQ Datasheet HTML 9Page - Texas Instruments TPS72501DCQ Datasheet HTML 10Page - Texas Instruments TPS72501DCQ Datasheet HTML 11Page - Texas Instruments TPS72501DCQ Datasheet HTML 12Page - Texas Instruments TPS72501DCQ Datasheet HTML 13Page - Texas Instruments TPS72501DCQ Datasheet HTML 14Page - Texas Instruments TPS72501DCQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
A
B
C
TJ
A
RθJC
TC
B
RθCS
TA
C
RθSA
(a)
(b)
DDPAK Package
SOT223 Package
CIRCUIT BOARD COPPER AREA
B
A
C
T
J +
T
A )
P
Dmax x R
θJC ) RθCS ) RθSA
(4)
T
J +
T
A )
P
Dmax x R
θJA
(5)
RθJA +
T
J–TA
P
Dmax
(6)
DDPAK Power Dissipation
TPS72501
TPS72515, TPS72516
TPS72518, TPS72525
SLVS341D – MAY 2002 – REVISED MARCH 2004
THERMAL INFORMATION (continued)
Figure 20. Thermal Resistances
Equation 4 summarizes the computation:
The RθJC is specific to each regulator as determined by its package, lead frame, and die size provided in the
regulator's data sheet. The RθSA is a function of the type and size of heatsink. For example, black body radiator
type heatsinks can have RθCS values ranging from 5°C/W for very large heatsinks to 50°C/W for very small
heatsinks. The RθCS is a function of how the package is attached to the heatsink. For example, if a thermal
compound is used to attach a heatsink to a SOT223 package, RθCSof 1°C/W is reasonable.
Even if no external black body radiator type heatsink is attached to the package, the board on which the
regulator is mounted provides some heatsinking through the pin solder connections. Some packages, like the
DDPAK and SOT223 packages, use a copper plane underneath the package or the circuit board's ground plane
for additional heatsinking to improve their thermal performance. Computer-aided thermal modeling can be used
to compute very accurate approximations of an integrated circuit's thermal performance in different operating
environments (e.g., different types of circuit boards, different types and sizes of heatsinks, different air flows,
etc.). Using these models, the three thermal resistances can be combined into one thermal resistance between
junction and ambient (RθJA). This RθJAis valid only for the specific operating environment used in the computer
model.
Equation 4 simplifies into Equation 5:
Rearranging Equation 5 gives Equation 6:
Using Equation 5 and the computer model generated curves shown in Figure 21 and Figure 24, a designer can
quickly compute the required heatsink thermal resistance/board area for a given ambient temperature, power
dissipation, and operating environment.
The DDPAK package provides an effective means of managing power dissipation in surface mount applications.
The DDPAK package dimensions are provided in the Mechanical Data section at the end of the data sheet. The
addition of a copper plane directly underneath the DDPAK package enhances the thermal performance of the
package.
11


Similar Part No. - TPS72501DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72501DCQ TI-TPS72501DCQ Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQ TI1-TPS72501DCQ Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQG4 TI1-TPS72501DCQG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQR TI1-TPS72501DCQR Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501DCQRG4 TI1-TPS72501DCQRG4 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72501DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS726126 TI1-TPS726126_16 Datasheet
992Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com