Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STGB10NC60K Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STGB10NC60K
Description  N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STGB10NC60K Datasheet(HTML) 1 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
February 2007
Rev 5
1/17
17
STGB10NC60K - STGD10NC60K
STGP10NC60K
N-channel 600V - 10A - D2PAK / TO-220 / DPAK
Short circuit rated PowerMESH™ IGBT
General features
Lower on voltage drop (Vcesat)
Lower CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery antiparallel diode
Short circuit withstand time 10µs
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “K” identifies a family
optimized for high frequency motor control
applications with short circuit withstand capability.
Applications
High frequency motor controls
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers
Internal schematic diagram
Type
VCES
VCE(sat)Max
@25°C
IC
@100°C
STGB10NC60K
STGP10NC60K
STGD10NC60K
600V
600V
600v
<2.5V
<2.5V
<2.5V
10A
10A
10A
1
2
3
TO-220
1
3
D²PAK
DPAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STGB10NC60KT4
GB10NC60K
D²PAK
Tape & reel
STGP10NC60K
GP10NC60K
TO-220
Tube
STGD10NC60KT4
GD10NC60K
DPAK
Tape & reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn