Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STGB10NC60K Datasheet(PDF) 7 Page - STMicroelectronics

Part No. STGB10NC60K
Description  N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10NC60K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGB10NC60K_07 Datasheet HTML 3Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 4Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 5Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 6Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 7Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 8Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 9Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 10Page - STMicroelectronics STGB10NC60K_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STGB10NC60K - STGP10NC60K - STGD10NC60K
Electrical characteristics
7/17
Figure 7.
Normalized gate threshold voltage
vs temperature
Figure 8.
Collector-emitter on voltage vs
collector current
Figure 9.
Normalized breakdown voltage vs
temperature
Figure 10. Switching losses vs temperature
Figure 11. Switching losses vs gate resistance Figure 12. Switching losses vs collector
current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn