Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STGB6NC60HD Datasheet(PDF) 5 Page - STMicroelectronics

Part No. STGB6NC60HD
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB6NC60HD Datasheet(HTML) 5 Page - STMicroelectronics

  STGB6NC60HD Datasheet HTML 1Page - STMicroelectronics STGB6NC60HD Datasheet HTML 2Page - STMicroelectronics STGB6NC60HD Datasheet HTML 3Page - STMicroelectronics STGB6NC60HD Datasheet HTML 4Page - STMicroelectronics STGB6NC60HD Datasheet HTML 5Page - STMicroelectronics STGB6NC60HD Datasheet HTML 6Page - STMicroelectronics STGB6NC60HD Datasheet HTML 7Page - STMicroelectronics STGB6NC60HD Datasheet HTML 8Page - STMicroelectronics STGB6NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STGB6NC60HD - STGP6NC60HD - STGF6NC60HD
Electrical characteristics
5/17
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 3A
RG= 10Ω, VGE = 15V,
Tj = 25°C (see Figure 19)
12
5
612
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 3A
RG = 10Ω, VGE = 15V,
Tj =125°C (see Figure 19)
13
4.3
560
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 3A,
RGE = 10Ω , VGE = 15V,
TJ = 25°C (see Figure 19)
40
76
100
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 390V, IC = 3A,
RGE = 10Ω , VGE =15V,
Tj = 125°C (see Figure 19)
60
98
124
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the tun-on losses when a typical diode is used in the test circuit in figure 17. If the IGBT is offered in
a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 3A
RG =10Ω, VGE=15V,
Tj =25°C (see Figure 19)
20
68
88
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 3A
RG =10Ω, VGE = 15V,
Tj = 125°C (see Figure 19)
37
93
130
µJ
µJ
µJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn