Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STGB6NC60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STGB6NC60HD
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB6NC60HD Datasheet(HTML) 1 Page - STMicroelectronics

  STGB6NC60HD Datasheet HTML 1Page - STMicroelectronics STGB6NC60HD Datasheet HTML 2Page - STMicroelectronics STGB6NC60HD Datasheet HTML 3Page - STMicroelectronics STGB6NC60HD Datasheet HTML 4Page - STMicroelectronics STGB6NC60HD Datasheet HTML 5Page - STMicroelectronics STGB6NC60HD Datasheet HTML 6Page - STMicroelectronics STGB6NC60HD Datasheet HTML 7Page - STMicroelectronics STGB6NC60HD Datasheet HTML 8Page - STMicroelectronics STGB6NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2006
Rev 3
1/17
17
STGB6NC60HD
STGF6NC60HD - STGP6NC60HD
N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP
Very fast PowerMESH™ IGBT
General features
Low on voltage drop (Vcesat)
Low CRES / CIES ratio (no cross-conduction
susceptibility)
Very soft ultra fast recovery antiparallel diode
High frequency operation
Description
Using the latest high voltage technology based on
a patented strip layout, STMicroelectronics has
designed an advaced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “H” identifies a family
optimized for high frequency application in order
to achieve very high switching performances
(reduced tfall) mantaining a low voltage drop.
Applications
High frequency inverters
SMPS and PFC in both hard switch and
resonant topologies
Motor drivers
Internal schematic diagram
Type
VCES
VCE(sat)max
@25°C
IC
@100°C
STGB6NC60HD
STGP6NC60HD
STGF6NC60HD
600V
600V
600V
<2.5V
<2.5V
<2.5V
7A
7A
3A
1
2
3
TO-220FP
TO-220
1
2
3
1
3
D²PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STGB6NC60HDT4
GB6NC60HD
D²PAK
Tape & reel
STGP6NC60HD
GP6NC60HD
TO-220
Tube
STGF6NC60HD
GF6NC60HD
TO-220FP
Tube


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn