Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STGB6NC60HD Datasheet(PDF) 6 Page - STMicroelectronics

Part No. STGB6NC60HD
Description  N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB6NC60HD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGB6NC60HD Datasheet HTML 2Page - STMicroelectronics STGB6NC60HD Datasheet HTML 3Page - STMicroelectronics STGB6NC60HD Datasheet HTML 4Page - STMicroelectronics STGB6NC60HD Datasheet HTML 5Page - STMicroelectronics STGB6NC60HD Datasheet HTML 6Page - STMicroelectronics STGB6NC60HD Datasheet HTML 7Page - STMicroelectronics STGB6NC60HD Datasheet HTML 8Page - STMicroelectronics STGB6NC60HD Datasheet HTML 9Page - STMicroelectronics STGB6NC60HD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGB6NC60HD - STGP6NC60HD - STGF6NC60HD
6/17
Table 7.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vf
Forward on-voltage
If = 1.5A
If = 1.5A, Tj = 125°C
1.6
1.3
2.1
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 3A ,VR = 40V,
Tj = 25°C, di/dt = 100 A/
µs
(see Figure 20)
21
14
1.36
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 3A ,VR = 40V,
Tj =125°C, di/dt = 100A/
µs
(see Figure 20)
34
32
1.88
ns
nC
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn