Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL57ZGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EL57ZGTR
Description  4:1 DIFFERENTIAL MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL57ZGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EL57ZGTR Datasheet HTML 1Page - Micrel Semiconductor SY10EL57ZGTR Datasheet HTML 2Page - Micrel Semiconductor SY10EL57ZGTR Datasheet HTML 3Page - Micrel Semiconductor SY10EL57ZGTR Datasheet HTML 4Page - Micrel Semiconductor SY10EL57ZGTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY10EL57
SY100EL57
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EL57ZC
Z16-2
Commercial
SY10EL57ZC
Sn-Pb
SY10EL57ZCTR(2)
Z16-2
Commercial
SY10EL57ZC
Sn-Pb
SY100EL57ZC
Z16-2
Commercial
SY100EL57ZC
Sn-Pb
SY100EL57ZCTR(2)
Z16-2
Commercial
SY100EL57ZC
Sn-Pb
SY10EL57ZI
Z16-2
Industrial
SY10EL57ZI
Sn-Pb
SY10EL57ZITR(2)
Z16-2
Industrial
SY10EL57ZI
Sn-Pb
SY100EL57ZI
Z16-2
Industrial
SY100EL57ZI
Sn-Pb
SY100EL57ZITR(2)
Z16-2
Industrial
SY100EL57ZI
Sn-Pb
SY10EL57ZG(3)
Z16-2
Industrial
SY10EL57ZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL57ZGTR(2, 3)
Z16-2
Industrial
SY10EL57ZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL57ZG(3)
Z16-2
Industrial
SY100EL57ZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL57ZGTR(2, 3)
Z16-2
Industrial
SY100EL57ZG with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
16-Pin SOIC (Z16-1)


Similar Part No. - SY10EL57ZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL57ZGTR MICREL-SY10EL57ZGTR Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
More results

Similar Description - SY10EL57ZGTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com