Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL57ZC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EL57ZC
Description  4:1 DIFFERENTIAL MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL57ZC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EL57ZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL57ZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL57ZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL57ZC Datasheet HTML 4Page - Micrel Semiconductor SY100EL57ZC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY10EL57
SY100EL57
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
TA = -40
°CTA = 0°CTA = +25°CTA = +85˚C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPD
Propagation Delay
ps
DATA to Q/Q
350
550
350
550
360
560
380
580
SEL to Q/Q
440
690
440
690
440
690
460
710
tskew
Input Skew DATA to Q
50
50
50
50
ps
VPP
Minmum Input Swing
mV
DATA
150
150
150
150
VCMR
Common Mode Range
V
DATA
-2.0
-0.4
-2.0
-0.4
-2.0
-0.4
-2.0
-0.4
tr
Output Rise/Fall Times Q
125
375
125
375
125
375
125
375
ps
tf
(20% - 80%)
TA = -40
°CTA = 0°CTA = +25°CTA = +85˚C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
IEE
Power Supply
10EL
15
24
15
24
15
24
15
24
mA
Current
100EL
15
24
15
24
15
24
15
27
VBB
Output Reference
10EL
-1.43
-1.30
-1.38
-1.27
-1.35
-1.25
-1.31
-1.19
V
Voltage
100EL
-1.38
-1.26
-1.38
-1.26
-1.38
-1.26
-1.38
-1.26
IIH
Input HIGH Current
150
150
150
150
µA
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min) - VEE (Max); VCC = GND
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min) - VEE (Max); VCC = GND


Similar Part No. - SY100EL57ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL57ZC MICREL-SY100EL57ZC Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57ZC MICREL-SY100EL57ZC Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57ZCTR MICREL-SY100EL57ZCTR Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57ZCTR MICREL-SY100EL57ZCTR Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
More results

Similar Description - SY100EL57ZC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com