Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5565AZQ80R2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5565AZQ80R2
Description  Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565AZQ80R2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5565AZQ80R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5565AZQ80R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Electrical Characteristics
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
11
Although there is no power sequencing required between VRC33 and VDDSYN during power up, for the
VRC stage turn-on to operate within specification, VRC33 must not lead VDDSYN by more than 600 mV
or lag by more than 100 mV. Higher spikes in the emitter current of the pass transistor will occur if VRC33
leads or lags VDDSYN by more than these amounts. The value of that higher spike in current depends on
the board power supply circuitry and the amount of board level capacitance.
Furthermore, when all of the PORs negate, the system clock will start to toggle, adding another large
increase of the current consumption from VRC33. If VRC33 lags VDDSYN by more than 100 mV, this
increased current consumption can drop VDD low enough to assert the 1.5-V POR again. Oscillations are
even possible because when the 1.5-V POR asserts, the system clock stops, causing the voltage on VDD
to rise until the 1.5-V POR negates again. Any oscillations stop when VRC33 is powered sufficiently.
When powering down, VRC33 and VDDSYN do not have a delta requirement to each other, because the
bypass capacitors internal and external to the device are already charged.
When not powering up or down, VRC33 and VDDSYN do not have a delta requirement to each other for
the VRC to operate within specification.
Although there are no power up/down sequencing requirements to prevent issues like latch-up, excessive
current spikes, etc., the state of the I/O pins during power up/down varies depending on power. Table 7
gives the pin state for the sequence cases for all pins with pad type pad_fc (fast type), and Table 8 for all
pins with pad type pad_mh (medium type) and pad_sh (slow type).
3.7.1
Power Up Sequence (If VRC33 Grounded)
In this case, the 1.5-V VDD supply must rise to 1.35-V before the 3.3-V VDDSYN and the RESET power
supplies rises above 2.0 V. This ensures that digital logic in the PLL on the 1.5-V supply will not begin to
operate below the specified operation range lower limit of 1.35 V. Since the internal 1.5-V POR is disabled,
Table 7. Power Sequence Pin States (Fast Pads)
VDDE
VDD33
VDD
pad_fc (Fast)
Output Driver
State
Comment
LOW
X
X
Low
Functional I/O pins are clamped to VSS and VDDE
VDDE
LOW
X
High
VDDE
VDD33
LOW
High Impedance
POR asserted.
VDDE
VDD33
VDD
Functional
No POR asserted
Table 8. Power Sequence Pin States (Medium and Slow Pads)
VDDEH
VDD
pad_mh/pad_sh
(Medium and Slow)
Output Driver
Comment
LOW
X
Low
Functional I/O pins are clamped to VSS and VDDEH
VDDEH
LOW
High Impedance
POR asserted
VDDEH
VDD
Functional
No POR asserted


Similar Part No. - MPC5565AZQ80R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5565 FREESCALE-MPC5565 Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ112 FREESCALE-MPC5565MVZ112 Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ112R FREESCALE-MPC5565MVZ112R Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ132 FREESCALE-MPC5565MVZ132 Datasheet
1,002Kb / 54P
   Microcontroller
MPC5565MVZ132R FREESCALE-MPC5565MVZ132R Datasheet
1,002Kb / 54P
   Microcontroller
More results

Similar Description - MPC5565AZQ80R2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com